Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7346 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7346 Datasheet HTML 1Page - PMC-Sierra, Inc PM7346 Datasheet HTML 2Page - PMC-Sierra, Inc PM7346 Datasheet HTML 3Page - PMC-Sierra, Inc PM7346 Datasheet HTML 4Page - PMC-Sierra, Inc PM7346 Datasheet HTML 5Page - PMC-Sierra, Inc PM7346 Datasheet HTML 6Page - PMC-Sierra, Inc PM7346 Datasheet HTML 7Page - PMC-Sierra, Inc PM7346 Datasheet HTML 8Page - PMC-Sierra, Inc PM7346 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
REVISION HISTORY
Issue No.
Issue Date
Details of Change
6
May 14, 1999
• The S/UNI-QJET requires a software
initialization sequence in order to
guarantee proper device operation and
long term reliability. Please refer to
Section 12.1 of this document for the
details on how to program this
sequence.
• Updated the RFCLK and TFCLK pin
descriptions to reflect that these pins are
not 5V tolerant. Both pins are 3.3V only
input pins.
• Documentation clarifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com