Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM69 Datasheet HTML 3Page - Texas Instruments AM69 Datasheet HTML 4Page - Texas Instruments AM69 Datasheet HTML 5Page - Texas Instruments AM69 Datasheet HTML 6Page - Texas Instruments AM69 Datasheet HTML 7Page - Texas Instruments AM69 Datasheet HTML 8Page - Texas Instruments AM69 Datasheet HTML 9Page - Texas Instruments AM69 Datasheet HTML 10Page - Texas Instruments AM69 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 312 page
background image
Table 4-1. Device Comparison (continued)
FEATURES(9)
REFERENCE
NAME
AM69A98
AM69A94
AM69A78
AM6958
AM6954
PERIPHERALS
Display Subsystem
DSS
Yes
DSI 4L TX
2
eDP 4L
1
DPI
1
Modular Controller Area Network Interface
with Full CAN-FD Support
MCAN
20
General-Purpose I/O
GPIO
155
Inter-Integrated Circuit Interface
I2C
10
Improved Inter-Integrated Circuit Interface
I3C
1
Analog-to-Digital Converter
ADC
2
Capture Subsystem with Camera Serial
Interface (CSI2)
CSI2.0 4L RX
3
CSI2.0 4L TX
2
Multichannel Serial Peripheral Interface
MCSPI
11
Multichannel Audio Serial Port
MCASP0
16 Serializers
MCASP1
5 Serializers
MCASP2
5 Serializers
MCASP3
3 Serializers
MCASP4
5 Serializers
MultiMedia Card/ Secure Digital Interface
MMCSD0
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits)
Universal Flash Storage
UFS 2L
No
Flash Subsystem (FSS)
OSPI0
8-bits(8)
OSPI1(10)
4-bits
HyperBus
Yes(8)
4x PCI Express Port with Integrated PHY
PCIE
2x4L or 4x2L(6) (13)
Ethernet Interfaces
MCU CPSW2G
RMII or RGMII
MAIN CPSW2G
RMII or RGMII
CPSW9G
8port SERDES(6)
4port SERDES(6) (7)
8port SERDES(6)
4port SERDES(6) (7)
General-Purpose Timers
TIMER
30
Enhanced High Resolution Pulse-Width
Modulator Module
eHRPWM
6
Enhanced Capture Module
eCAP
3
Enhanced Quadrature Encoder Pulse
Module
eQEP
3
Universal Asynchronous Receiver and
Transmitter
UART
12
Universal Serial Bus (USB3.1) SuperSpeed
Dual-Role-Device (DRD) Ports with SS
PHY
USB0
Yes(6)
(1)
Functional Safety is not supported on this device family, if interested in this feature, please see the TDA4VH device family.
(2)
Device security features including Secure Boot and Customer Programmable Keys are applicable to select part number variants as
indicated by the Device Type (Y) identifier in the in the Nomenclature Description table
(3)
AEC-Q100 qualification is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the
Nomenclature Description table
(4)
DDRSS2 and DDRSS3 are not available on the 27mm package variant of this SoC. DDR2/DDR3 should be not be used if software
compatibility is desired with systems that use the 27mm package
(5)
DDRSS0, DDRSS1, DDRSS2 and DDRSS3 must always be used in incremental order. For instance, when using a single LPDDR
component, it must be connected to DDR0_* interface. When using two LPDDR components, they must be connected to DDR0_* and
DDR1_* interfaces, and so forth.
(6)
DP, SGMII, USB3.0, and PCIE share a total of 16 SerDes lanes (31mm package) or 12 SerDes lanes (27mm package variant).
SERDES2 is not available on the 27mm package variant of this SoC.
(7)
AM69, AM69A CPSW supports up to 8 ports using the following instances and signals and modes of operation:
•
PORT1 Signals: SGMII1, Modes: One of 5Gb, 10Gb USXGMII/XFI, 2.5Gb SGMII/XAUI, 1Gb SGMII, 5Gb QSGMII
•
PORT2 Signals: SGMII2, Modes: One of 5Gb, 10Gb USXGMII/XFI, 2.5Gb SGMII/XAUI, 1Gb SGMII, 5Gb QSGMII
•
PORTn (n=3 thru 8) Signals: SGMIIn, Modes: One of 2.5Gb SGMII/XAUI, 1Gb SGMII, 5Gb QSGMII
If QSGMII is used on any SGMII Port 1 thru 4, then SGMII1/2/3/4 cannot be used for Ethernet functionality since all 4 internal CPSW
ports map to the selected QSGMII SERDES port.
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com