Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 73 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM69 Datasheet HTML 69Page - Texas Instruments AM69 Datasheet HTML 70Page - Texas Instruments AM69 Datasheet HTML 71Page - Texas Instruments AM69 Datasheet HTML 72Page - Texas Instruments AM69 Datasheet HTML 73Page - Texas Instruments AM69 Datasheet HTML 74Page - Texas Instruments AM69 Datasheet HTML 75Page - Texas Instruments AM69 Datasheet HTML 76Page - Texas Instruments AM69 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AN38
V31
SPI0_CLK
PADCFG:
PADCONFIG_53
0x0011C0D4
SPI0_CLK
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0
Yes
LVCMOS
No
UART1_CTSn
1
I
I2C2_SCL
2
IOD
MCASP3_AXR0
3
IO
EHRPWM2_A
5
IO
GPIO0_53
7
IO
UART8_TXD
11
O
AM37
Y33
SPI0_CS0
PADCFG:
PADCONFIG_51
0x0011C0CC
SPI0_CS0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0
Yes
LVCMOS
No
MCASP3_ACLKX
3
IO
MCASP3_ACLKR
4
IO
EHRPWM0_A
5
IO
GPIO0_51
7
IO
MCAN14_TX
9
O
DP0_HPD
12
I
AP38
Y32
SPI0_CS1
PADCFG:
PADCONFIG_52
0x0011C0D0
SPI0_CS1
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0
Yes
LVCMOS
No
CPTS0_TS_COMP
1
O
UART0_RTSn
2
O
MCASP3_AFSX
3
IO
MCASP3_AFSR
4
IO
EHRPWM1_A
5
IO
GPIO0_52
7
IO
MCAN14_RX
9
I
UART8_RXD
11
I
AM35
V30
SPI0_D0
PADCFG:
PADCONFIG_54
0x0011C0D8
SPI0_D0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0
Yes
LVCMOS
No
UART1_RTSn
1
O
I2C2_SDA
2
IOD
MCASP3_AXR1
3
IO
EHRPWM3_A
5
IO
GPIO0_54
7
IO
UART2_RXD
11
I
AM36
W31
SPI0_D1
PADCFG:
PADCONFIG_55
0x0011C0DC
SPI0_D1
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0
Yes
LVCMOS
No
MCASP3_AXR2
3
IO
EHRPWM4_A
5
IO
GPIO0_55
7
IO
UART2_TXD
11
O
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com