Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 1 Page - Texas Instruments

  AM69 Datasheet HTML 1Page - Texas Instruments AM69 Datasheet HTML 2Page - Texas Instruments AM69 Datasheet HTML 3Page - Texas Instruments AM69 Datasheet HTML 4Page - Texas Instruments AM69 Datasheet HTML 5Page - Texas Instruments AM69 Datasheet HTML 6Page - Texas Instruments AM69 Datasheet HTML 7Page - Texas Instruments AM69 Datasheet HTML 8Page - Texas Instruments AM69 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 312 page
background image
AM69x Processors, Silicon Revision 1.0
1 Features
Processor cores:
• Up to eight 64-bit Arm® Cortex®-A72
microprocessor subsystem at up to 2GHz
– 2MB shared L2 cache per quad-core Cortex®-
A72 cluster
– 32KB L1 D-Cache and 48KB L1 I-Cache per
Cortex®-A72 core
• Up to Four Deep Learning Accelerators:
– Each with up to 8 Trillion Operations Per
Second (TOPS)
– Total of 32 Trillion Operations Per Second
(32TOPS)
• Dual-core Arm® Cortex®-R5F MCUs at up to
1.0GHz in General Compute partition with FFI
– 16KB L1 D-Cache, 16KB L1 I-Cache, and 64KB
L2 TCM
• Dual-core Arm® Cortex®-R5F MCUs at up to
1.0GHz to support Device Management
– 32K L1 D-Cache, 32K I-Cache, and 64K L2
TCM with SECDED ECC on all memories
• Up to two Vision Processing Accelerators (VPAC)
with Image Signal Processor (ISP) and multiple
vision assist accelerators
– 480MPixel/s ISP
– Support for up to 16-bit input RAW format
– Wide Dynamic Range (WDR), Lens Distortion
Correction (LDC), Vision Imaging Subsystem
(VISS), and Multi-Scalar (MSC) support
– Output color format : 8-bits, 12-bits, and YUV
4:2:2, YUV 4:2:0, RGB, HSV/HSL
• Multimedia:
– Display subsystem supports:
• Up to 4 displays
• Up to two DSI 4L TX (up to 2.5K)
• One eDP 4L
• One DPI 24-bit RGB parallel interface
• Safety features such as freeze frame
detection and MISR data check
– 3D Graphics Processing Unit
• IMG BXS-4-64, up to 800MHz
• 50GFLOPS, 4GTexels/s
• Support for APIs OpenGL ES 3.1, Vulkan
1.2
– Three CSI2.0 4L Camera Serial interface RX
(CSI-RX) plus two CSI2.0 4L TX (CSI-TX) with
DPHY
• MIPI CSI 1.3 Compliant + MIPI-DPHY 1.2
• Support for 1,2,3, or 4 data lane mode up to
2.5Gbps
• ECC verification/correction with CRC check
+ ECC on RAM
• Virtual Channel support (up to 16)
• Ability to write stream data directly to DDR
via DMA
– Two Video Encoder/Decoder Modules
• Support for HEVC (H.265) Main profiles at
Level 5.1 High-tier
• Support for H.264 BaseLine/Main/High
Profiles at Level 5.2
• Support for up to 4K UHD resolution (3840 ×
2160) per module
• Each module supports 4K60 H.264/H.265
Encode/Decode (up to 480MP/s)
Memory subsystem:
• Up to 8MB of on-chip L3 RAM with ECC and
coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• Up to Four External Memory Interface (EMIF)
module with ECC
– Supports LPDDR4 memory types
– Supports speeds up to 4266MT/s
– Up to 4x32-b bus with inline ECC up to 68GB/s
• General-Purpose Memory Controller (GPMC)
• 512KB on-chip SRAM in MAIN domain, protected
by ECC
• AEC-Q100 qualified on part number variants
ending in Q1
Device security:
• Secure boot with secure run-time support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES 
High speed serial interfaces:
• Integrated Ethernet switch supporting up to 8
external ports
– Two ports support 5Gb, 10Gb USXGMII or 5Gb
XFI
– All ports support 1Gb, 2.5Gb SGMII
– All ports can support QSGMII. A maximum of 2
QSGMII can be enabled and uses all 8 internal
lanes. 1 QSGMII interfaces uses 4 internal
lanes.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - AM69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM69 TI1-AM69 Datasheet
5Mb / 300P
AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
AM69 TI1-AM69 Datasheet
6Mb / 326P
AM69x Processors, Silicon Revision 1.0
DECEMBER 2024
logo
Analog Power
AM6900NHE ANALOGPOWER-AM6900NHE Datasheet
401Kb / 5P
Dual N-Channel 12-V (D-S) MOSFET
AM6920NH ANALOGPOWER-AM6920NH Datasheet
59Kb / 3P
Dual N-Channel Logical Level MOSFET
AM6921P ANALOGPOWER-AM6921P Datasheet
116Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
Sitara Processors Silicon Revision 1.0
DRA829V TI1-DRA829V Datasheet
3Mb / 309P
DRA829V Jacinto??Automotive Processors Silicon Revision 1.0
AM6548 TI1-AM6548_V01 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
TDA4VE-Q1 TI-TDA4VE-Q1 Datasheet
4Mb / 251P
TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
DECEMBER 2022
AM68A TI-AM68A Datasheet
4Mb / 251P
AM68Ax Processors, Silicon Revision 1.0
FEBRUARY 2023
AM69A TI-AM69A Datasheet
5Mb / 299P
AM69Ax Processors, Silicon Revision 1.0
Revision 1.0 FEBRUARY 2023
AM69A TI1-AM69A_V01 Datasheet
5Mb / 300P
AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
AM68A TI1-AM68A_V01 Datasheet
4Mb / 253P
AM68x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com