Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 12 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM69 Datasheet HTML 8Page - Texas Instruments AM69 Datasheet HTML 9Page - Texas Instruments AM69 Datasheet HTML 10Page - Texas Instruments AM69 Datasheet HTML 11Page - Texas Instruments AM69 Datasheet HTML 12Page - Texas Instruments AM69 Datasheet HTML 13Page - Texas Instruments AM69 Datasheet HTML 14Page - Texas Instruments AM69 Datasheet HTML 15Page - Texas Instruments AM69 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 312 page
background image
– Down: Internal pull-down resistor is turned on.
– NA: No internal pull resistor.
• An empty box, or "-" means Not Applicable.
8. Ball State After Reset (RX/TX/PULL): State of the terminal after MCU_PORz is deasserted, where RX
defines the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state of
internal pull resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– SS: The subsystem selected with MUXMODE determines the output buffer state.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: No internal pull resistor.
• An empty box, NA, or "-" means Not Applicable.
9. Mux Mode After Reset: The value found in this column defines the default pin multiplexed signal function
after MCU_PORz is deasserted.
• An empty box, NA, or "-" means Not Applicable.
10. PULL TYPE: Indicates the presence of an internal pullup or pulldown resistor. Pullup and pulldown resistors
can be enabled or disabled via software.
• PU: Internal pull-up Only
• PD: Internal pull-down Only
• PU/PD: Internal pull-up and pull-down
• An empty box, NA, or "-" means No internal pull.
Note
Configuring two pins to the same pin multiplexed signal function is not supported as this yields
unexpected results. Issues can be easily prevented with the proper software configuration.
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that pad’s
behavior is undefined. This must be avoided.
11. Power: The power supply of the associated I/O, when applicable.
• An empty box, NA, or "-" means Not Applicable.
12. Hys: Indicates if the input buffer associated with this I/O has hysteresis:
• Yes: Hysteresis Support
• No: No Hysteresis Support
• An empty box, NA, or "-" means Not Applicable.
For more information, see the hysteresis values in Electrical Characteristics section.
13. Voltage Buffer Type: This column defines the buffer type associated with a terminal. This information can
be used to determine the applicable Electrical Characteristics table.
• An empty box, NA, or "-" means Not Applicable.
For electrical characteristics, refer to the appropriate buffer type table in Electrical Characteristics section.
14. IO RET:Yes means WKUP and IO retention supported.
15. Pad Configuration Register Name: This is the name of the device pad/pin configuration register.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com