Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 17 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM69 Datasheet HTML 13Page - Texas Instruments AM69 Datasheet HTML 14Page - Texas Instruments AM69 Datasheet HTML 15Page - Texas Instruments AM69 Datasheet HTML 16Page - Texas Instruments AM69 Datasheet HTML 17Page - Texas Instruments AM69 Datasheet HTML 18Page - Texas Instruments AM69 Datasheet HTML 19Page - Texas Instruments AM69 Datasheet HTML 20Page - Texas Instruments AM69 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AD5
W7
DDR0_RESETn
DDR0_RESETn
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C0
DDR
AC8
AC7
DDR0_RET
DDR0_RET
I
1.1 V
VDDS_DDR /
VDDS_DDR_
C0
DDR
A11
H1
DDR1_CKN
DDR1_CKN
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C1
DDR
B10
J2
DDR1_CKP
DDR1_CKP
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C1
DDR
G10
G5
DDR1_RESETn
DDR1_RESETn
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C1
DDR
G8
G8
DDR1_RET
DDR1_RET
I
1.1 V
VDDS_DDR /
VDDS_DDR_
C1
DDR
K1
DDR2_CKN
DDR2_CKN
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
L2
DDR2_CKP
DDR2_CKP
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
J5
DDR2_RESETn
DDR2_RESETn
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
L8
DDR2_RET
DDR2_RET
I
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
B25
DDR3_CKN
DDR3_CKN
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
A24
DDR3_CKP
DDR3_CKP
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
C23
DDR3_RESETn
DDR3_RESETn
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
G27
DDR3_RET
DDR3_RET
I
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
AD2
AA3
DDR0_CA0
DDR0_CA0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C0
DDR
AC5
Y4
DDR0_CA1
DDR0_CA1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C0
DDR
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com