Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 3 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 3 Page - Texas Instruments

  AM69 Datasheet HTML 1Page - Texas Instruments AM69 Datasheet HTML 2Page - Texas Instruments AM69 Datasheet HTML 3Page - Texas Instruments AM69 Datasheet HTML 4Page - Texas Instruments AM69 Datasheet HTML 5Page - Texas Instruments AM69 Datasheet HTML 6Page - Texas Instruments AM69 Datasheet HTML 7Page - Texas Instruments AM69 Datasheet HTML 8Page - Texas Instruments AM69 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 312 page
background image
3 Description
The AM69, AM69A scalable processor family is based on the evolutionary Jacinto™ 7 architecture, targeted
at Smart Vision Camera applications and built on extensive market knowledge accumulated over a decade
of TI’s leadership in the Vision processor market. The AM69x family is built for a broad set of cost-sensitive
high-performance compute applications in Factory Automation, Building Automation, and other markets.
The AM69, AM69A provides high performance compute technology for both traditional and deep learning
algorithms at industry leading power/performance ratios with a high level of system integration to enable
scalability and lower costs for advanced vision camera applications. Key cores include the latest Arm and GPU
processors for general compute, next generation DSP with scalar and vector cores, dedicated deep learning
and traditional algorithm accelerators, an integrated next generation imaging subsystem (ISP), video codec, and
isolated MCU island. All protected by industrial-grade safety and security hardware accelerators.
General Compute Cores and Integration Overview: Two quad-core cluster configurations (8 cores total)
of Arm® Cortex®-A72 facilitate multi-OS applications with minimal need for a software hypervisor. Up to two
Dual-core (4 cores total) Arm® Cortex®-R5F subsystems enable low-level, timing critical processing tasks to
leave the Arm® Cortex®-A72 core’s unencumbered for applications. Building on the existing world-class ISP,
TI’s 7th generation ISP includes flexibility to process a broader sensor suite, support for higher bit depth, and
features targeting analytics applications. Integrated diagnostics and safety features support operations up to
SIL-2 levels while the integrated security features protect data against modern day attacks. CSI2.0 ports enable
multi sensor inputs.
Key Performance Cores Overview: The C7000™ DSP next generation core (“C7x”) combines TI’s industry
leading DSP and EVE cores into a single higher performance core and adds floating-point vector calculation
capabilities, enabling backward compatibility for legacy code while simplifying software programming. Four
“MMAv2” deep learning accelerators enable performance up to 32 Trillion Operations Per Second (TOPS)
[8TOPS per core] within the lowest power envelope in the industry, even when operating even at the worst
case junction temperatures of 105°C and 125°C. The dedicated Vision hardware accelerators provide vision
pre-processing with no impact on system performance. The C7x/MMA cores are available only for deep-learning
function in the AM69, AM69A class of processors.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
XAM69A94
AND (FCBGA, 1063)
27mm x 27mm
XAM6954
AND (FCBGA, 1063)
27mm x 27mm
AM69x
ALY (FCBGA, 1414)
31mm x 31mm
XJ784S4
ALY (FCBGA, 1414)
31mm x 31mm
(1)
For more information, see the Mechanical, Packaging, and Orderable Information section.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
3.1 Functional Block Diagram
Figure 3-1 is functional block diagram for the device.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the AM69 Software Build Sheet (PROCESSOR-SDK-AM69) and AM69A Software Build Sheet
(PROCESSOR-SDK-AM69A).
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com