Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 104Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 105Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 106Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 107Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 108Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 109Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 110Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 111Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 184 page
background image
16 - REAL TIME CLOCK
ST10F269
108/184
16.1.2 - RTCPH & RTCPL: RTC PRESCALER
Registers
The 20-bit programmable prescaler divider is
loaded with 2 registers.
The 4 most significant bit are stored into RTCPH
and the 16 Less significant bit are stored in
RTCPL. In order to keep the system clock, those
registers are not reset.
They are write protected by bit RTOFF of
RTCCON register, write operation is allowed if
RTOFF is set.
RTCPL (EC06h)
XBUS
Reset Value: XXXXh
RTCPH (EC08h)
XBUS
Reset Value: ---Xh
The value stored into RTCPH, RTCPL is called RTCP (coded on 20-bit). The dividing ratio of the
Prescaler divider is: ratio = 64 x (RTCP)
16.1.3 - RTCDH & RTCDL: RTC DIVIDER Counters
Every basic reference clock the DIVIDER counters are reloaded with the value stored RTCPH and
RTCPL registers. To get an accurate time measurement it is possible to read the value of the DIVIDER,
reading the RTCDH, RTCDL. Those counters are read only. After any bit changed in the programmable
PRESCALER register, the new value is loaded in the DIVIDER.
RTCDL (EC0Ah)
XBUS
Reset Value: XXXXh
RTCDH (EC0Ch)
XBUS
Reset Value: ---Xh
Note: Those registers are not reset, and are read only.
15
14
13
12
11
10
9876543210
RTCPL
RW
15
14
13
12
11
10
9876543210
RESERVED
RTCPH
RW
Figure 52 : PRESCALER Register
15
14
13
12
11
10
9876543210
RTCDL
R
15
14
13
12
11
10
9876543210
RESERVED
RTCDH
R
3
2
1
0
7
6
5
4
11 10 9
8
15 14 13 12
3
2
1
0
RTCPH
RTCPL
3
2
1
0
7
6
5
4
11 10 9
8
15 14 13 12
19 18 17 16
20 bit word counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com