Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 106Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 107Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 108Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 109Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 110Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 111Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 112Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 113Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 184 page
background image
16 - REAL TIME CLOCK
ST10F269
110/184
16.1.5 - RTCAH & RTCAL: RTC ALARM Registers
When the programmable counters reach the 32-bit value stored into RTCAH & RTCAL registers, an alarm
is triggered and the interrupt request RTAIR is generated. Those registers are not protected.
RTCAL (EC12h)
XBUS
Reset Value: XXXXh
RTCAH (EC14h)
XBUS
Reset Value: XXXXh
Note: Those registers are not reset
16.2 - Programming the RTC
RTC interrupt request signals are connected to Port2, pad 10 (RTCSI) and pad 11 (RTCAI). An alternate
function Port2 is to generate fast interrupts firq[7:0]. To trigger firq[2] and firq[3] the following configuration
has to be set.
EXICON ESFR controls the external interrupt edge selection, RTC interrupt requests are rising edge
active.
EXICON (F1C0h)
ESFR
Reset Value: 0000h
Notes: 1. EXI2ES and EXI3ES must be configured as "01b" because RCT interrupt request lines are rising edge active.
2. Alarm interrupt request line (RTCAI) is linked with EXI3ES.
3. Timed interrupt request line (RTCSI) is linked with EXI2ES.
EXISEL ESFR enables the Port2 alternate sources. RTC interrupts are alternate sources 2 and 3.
EXISEL (F1DAh)
ESFR
Reset Value: 0000h
Notes: 1. Advised configuration.
2. Alarm interrupt request (RTCAI) is linked with EXI3SS.
3. Timed interrupt request (RTCSI) is linked with EXI2SS.
15
14
13
12
11
10
9876543210
RTCAL
RW
15
14
13
12
11
10
9876543210
RTCAH
RW
15
14
13
12
11
10
9876543210
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES 1 2
EXI2ES 1 3
EXI1ES
EXI0ES
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS 2
EXI2SS 3
EXI1SS
EXI0SS
RW
RW
RW
RW
RW
RW
RW
RW
EXIxSS
External Interrupt x Source Selection (x=7...0)
‘00’: Input from associated Port 2 pin.
‘01’: Input from “alternate source”. 1
‘10’: Input from Port 2 pin ORed with “alternate source”. 1
‘11’: Input from Port 2 pin ANDed with “alternate source”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com