Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 134Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 135Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 136Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 137Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 138Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 139Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 140Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 141Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 184 page
background image
20 - SPECIAL FUNCTION REGISTER OVERVIEW
ST10F269
138/184
When both CAN are disabled via XPERCON
setting, then any access in the address range
00’EE00h - 00’EFFFh will be directed to external
memory interface, using the BUSCONx register
corresponding to address matching ADDRSELx
register. P4.4 and P4.7 can be used as General
Purpose I/O when CAN2 is not enabled, and P4.5
and P4.6 can be used as General Purpose I/O
when CAN1 is not enabled.
The default XPER selection after Reset is
identical to XBUS configuration of ST10C167:
XCAN1 is enabled, XCAN2 is disabled, XRAM1
(2K Byte compatible XRAM) is enabled, XRAM2
(new 8K Byte XRAM) is disabled.
Register XPERCON cannot be changed after the
global enabling of XPeripherals, i.e. after setting of
bit XPEN in SYSCON register.
In EMUlation mode, all the XPERipherals are
enabled (XPERCON bit are all set).
When the Real Time Clock is disabled (RTCEN =
0), the clock oscillator is switch off if ST10 enters
in power-down mode. Otherwise, when the Real
Time Clock is enabled, the bit RTCOFF of the
RTCCON
register
allows
to
choose
the
power-down mode of the clock oscillator.
’1’: The on-chip Real Time Clock is enabled and can be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com