Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 136Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 137Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 138Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 139Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 140Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 141Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 142Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 143Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 184 page
background image
21 - ELECTRICAL CHARACTERISTICS
ST10F269
140/184
VOL1
CC Output low voltage (all other outputs)
1
IOL1 = 1.6mA
–0.45
V
VOH
CC
Output high voltage (PORT0, PORT1, Port4,
ALE, RD, WR, BHE, CLKOUT, RSTOUT)
1
IOH = -500µA
IOH = -2.4mA
0.9 VDD
2.4
–
–
V
VOH1
CC Output high voltage (all other outputs)
1/2
IOH = – 250µA
IOH = – 1.6mA
0.9 VDD
2.4
–
–
V
V
I
OZ1
CC Input leakage current (Port 5)
0V < VIN < VDD
–
200
nA
I
OZ2
CC Input leakage current (all other)
0V < VIN < VDD
–1
µA
I
OV
SR Overload current
3/4
–5
mA
RRST
CC RSTIN pull-up resistor
3
–
50
250
k
Ω
IRWH
Read / Write inactive current
5/6
VOUT = 2.4V
–-40
µA
IRWL
Read / Write active current
5/7
VOUT = VOLmax
-500
–
µA
IALEL
ALE inactive current
5/6
VOUT = VOLmax
40
–
µA
IALEH
ALE active current
5/7
VOUT = 2.4V
–
500
µA
IP6H
Port 6 inactive current
5/6
VOUT = 2.4V
–-40
µA
IP6L
Port 6 active current
5/7
VOUT = VOL1max
-500
–
µA
IP0H
PORT0 configuration current
5/6
VIN = VIHmin
–-10
µA
IP0L
5/7
VIN = VILmax
-100
–
µA
I
IL
CC XTAL1 input current
0V < VIN < VDD
–20
µA
gm
On-chip oscillator transconductance
3
5-
mA/V
CIO
CC Pin capacitance (digital inputs / outputs)
3/5
f = 1MHz,
TA = 25°C
–10
pF
ICC
Power supply current (PQFP144 devices)
8
RSTIN = VIH1
fCPU in [MHz]
–
20 + 2.5 x fCPU
mA
Power supply current (TQFP144 devices)
–
20 + 2.3 x fCPU
mA
IID
Idle mode supply current
9
RSTIN = VIH1
fCPU in [MHz]
–
20 + fCPU
mA
IPD
Power-down mode supply current
10
VDD = 5.5V
TA = 25°C
TA = 85°C
TA = 125°C
–
_
_
15 11
50 11
190 11
µA
µA
µA
Symbol
Parameter
Test
Conditions
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com