Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQ Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC183CQ
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CQ Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC183CQ Datasheet HTML 2Page - Semtech Corporation SC183CQ Datasheet HTML 3Page - Semtech Corporation SC183CQ Datasheet HTML 4Page - Semtech Corporation SC183CQ Datasheet HTML 5Page - Semtech Corporation SC183CQ Datasheet HTML 6Page - Semtech Corporation SC183CQ Datasheet HTML 7Page - Semtech Corporation SC183CQ Datasheet HTML 8Page - Semtech Corporation SC183CQ Datasheet HTML 9Page - Semtech Corporation SC183CQ Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SC183CQ
www.semtech.com
6
Line Regulation
Line Regulation vs. Temperature
R
DS(ON) Variation vs. Input Voltage
R
DS(ON) Variation vs. Temperature
Switching Frequency vs. Input Voltage
Switching Frequency vs. Temperature
RDSON (P & N) Variation over Line
-10%
-5%
0%
5%
10%
15%
20%
25%
30%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
ILX= ±100mA
TA= 25°C
N-Channel
P-Channel
-20%
-15%
-10%
-5%
0%
5%
10%
15%
20%
25%
-45
-20
5
30
55
80
105
Ambient Temperature (°C)
RDSON (P & N) Variation Over Temperature
VIN= 5.0V
ILX= ±100mA
N-Channel
P-Channel
VIN= 5.0V
ILX= ±100mA
N-Channel
P-Channel
Switching Frequency Variation over Line
-5%
-4%
-3%
-2%
-1%
0%
1%
2%
3%
4%
5%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
IOUT= 0A
TA= 25°C
VOUT= 3.3V
VOUT= 1.5V
Line Regulation ove Line
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
IOUT= 0A
TA= 25°C
VOUT= 3.3V
VOUT= 1.5V
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
-45
-20
5
30
55
80
105
Ambient Temperature (°C)
Line Regulation over Temperature
VOUT= 1.5V
IOUT= 0A
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
-45
-20
5
30
55
80
105
Ambient Temperature (°C)
Switching Frequency Variation
VIN= 5.0V
IOUT= 0A
Typical Characteristics
Circuit Conditions: C
IN= 10mF/6.3V, COUT= 22mF/6.3V. Unless otherwise noted, L= 2.2mH (TOKO: 1127AS-2R2M).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com