Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQ Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC183CQ
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CQ Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC183CQ Datasheet HTML 10Page - Semtech Corporation SC183CQ Datasheet HTML 11Page - Semtech Corporation SC183CQ Datasheet HTML 12Page - Semtech Corporation SC183CQ Datasheet HTML 13Page - Semtech Corporation SC183CQ Datasheet HTML 14Page - Semtech Corporation SC183CQ Datasheet HTML 15Page - Semtech Corporation SC183CQ Datasheet HTML 16Page - Semtech Corporation SC183CQ Datasheet HTML 17Page - Semtech Corporation SC183CQ Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SC183CQ
www.semtech.com
14
output current is limited to the current limit holding
current (I
CL_HOLD) of a few hundred milliampere. Under this
condition, the output voltage will be the product of I
CL_HOLD
and the load resistance. The current limit holding current
(I
CL_HOLD) will decrease when the output voltage increases.
The load presented must fall below the current limit
holding current for the part to exit foldback current limit
mode. Figure 2 shows how the typical current limit
holding current varies with output voltage. The SC183CQ
is capable of sustaining an indefinite short circuit without
damage and will resume normal operation when the fault
is removed. The foldback current limit mode is disabled
during soft-start. The current limit functionality is shown
in Figure 4.
Current Limit Holding Current over Vout
0
50
100
150
200
250
300
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
TA= 25°C
VIN= 5.0V
VIN= 3.6V
VIN= 3.3V
Figure 2 — Typical Current Limit Holding Current
Over-Voltage Protection
In the event of a 15% over-voltage on the output, the
PWM drive is disabled with LX pin floating.
Soft-Start
The soft-start mode is activated after AVIN reaches its
UVLO and one or more CTL pins are set high to enable the
part. A thermal shutdown event will also activate the soft
start sequence. Soft-start mode controls the maximum
current during startup thus limiting in-rush current. The
PMOS current limit is stepped through four soft start levels
of approximately 20%, 25%, 40%, & 100%. Each step is
maintained for 200μs following an internal reference
start up of 50μs giving a total nominal startup period of
850μs. During startup, the chip operates by controlling
the inductor current swings between 0A and current
limit. If at any time V
OUT reaches 86% of the target or at
the end of the soft-start period, the SC183CQ will switch
to PWM mode operation. Figure 3 shows the typical
diagram of soft start operation.
The SC183CQ is capable of starting up into a pre-biased
output. When the output is precharged by another
supply rail, the SC183CQ will not discharge the output
during the soft start interval.
Shut Down
When all CTL pins are low, the SC183CQ will run in shut-
down mode, drawing less than 1μA from the input power
supply. The internal switches and bandgap voltage will
be immediately turned off.
Thermal Shutdown
The device has a thermal shutdown feature to protect the
SC183CQ if the junction temperature exceeds 160°C.
During thermal shutdown, the on-chip power devices are
disabled, tri-stating the LX output. When the temperature
drops by 10°C, it will initiate a soft start cycle to resume
normal operation.
Inductor Selection
The SC183CQ converter has internal loop compensation.
The compensation is designed to work with a output
filter corner frequency of less than 40kHz for a V
IN of 5V
and 50kHz for a V
IN of 3.3V over any operating condition.
The corner frequency of the output filter can be defined
by Equation 3.
OUT
C
C
L
f
⋅
=
π
2
1
(3)
Values outside this range may lead to instability, malfunc-
tion, or out-of-specification performance.
In general, the inductance is chosen by making the induc-
tor ripple current to be less than 30% of maximum load
current. When choosing an inductor, it is important to
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com