Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQ Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC183CQ
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CQ Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC183CQ Datasheet HTML 4Page - Semtech Corporation SC183CQ Datasheet HTML 5Page - Semtech Corporation SC183CQ Datasheet HTML 6Page - Semtech Corporation SC183CQ Datasheet HTML 7Page - Semtech Corporation SC183CQ Datasheet HTML 8Page - Semtech Corporation SC183CQ Datasheet HTML 9Page - Semtech Corporation SC183CQ Datasheet HTML 10Page - Semtech Corporation SC183CQ Datasheet HTML 11Page - Semtech Corporation SC183CQ Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SC183CQ
www.semtech.com
8
Output Voltage Ripple (V
OUT=1.5V)
Output Voltage Ripple (V
OUT=3.3V)
Output Voltage Ripple (V
OUT=1.5V)
Output Voltage Ripple (V
OUT=3.3V)
V
O UT
10mV/div
V
LX
2V/div
I
LX
1A/div
500ns/div
Output Voltage Ripple (VOUT=1.5V)
VIN=3.3V
IOUT=2A
Typical Waveforms
Circuit Conditions: C
IN= 10mF/6.3V, COUT= 22mF/6.3V, L= 2.2mH (TOKO: 1127AS-2R2M).
V
O UT
10mV/div
V
LX
2V/div
500ns/div
Output Voltage Ripple (VOUT=1.5V)
VIN=5.0V
IOUT=2A
I
LX
1A/div
V
O UT
10mV/div
V
LX
2V/div
500ns/div
Output Voltage Ripple (VOUT=3.3V)
VIN=5.0V
IOUT=0A
I
LX
0.5A/div
V
O UT
10mV/div
V
LX
2V/div
500ns/div
Output Voltage Ripple (VOUT=3.3V)
VIN=5.0V
IOUT=2A
I
LX
1A/div
V
O UT
100m V/div
I
O UT
1A/div
50µs/div
Transient Response (VOUT=1.5V)
VIN=5.0V
IOUT=0A to 1A
V
O UT
100m V/div
I
O UT
500m A/div
50µs/div
Transient Response (VOUT=3.3V)
VIN=5.0V
IOUT=0A to 1A
Transient Response (V
OUT=1.5V; 0A to 1A)
Transient Response (V
OUT=3.3V; 0A to 1A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com