Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQ Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC183CQ
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CQ Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC183CQ Datasheet HTML 7Page - Semtech Corporation SC183CQ Datasheet HTML 8Page - Semtech Corporation SC183CQ Datasheet HTML 9Page - Semtech Corporation SC183CQ Datasheet HTML 10Page - Semtech Corporation SC183CQ Datasheet HTML 11Page - Semtech Corporation SC183CQ Datasheet HTML 12Page - Semtech Corporation SC183CQ Datasheet HTML 13Page - Semtech Corporation SC183CQ Datasheet HTML 14Page - Semtech Corporation SC183CQ Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SC183CQ
www.semtech.com
11
Pin Descriptions
Pin #
Pin Name
Pin Function
1,2
PVIN
Input supply voltage for the converter power stage.
3
AGND
Ground connection for the internal circuitry. AGND needs to be connected to PGND directly.
4
AVIN
Power supply for the internal circuitry. Connect a 10W resistor to PVIN and a 1mF capacitor to AGND.
5
CTL0
Control bit 0 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resistor is switched
in circuit whenever the EN pin is below the enable input high threshold, or when the part is in undervoltage
lockout.
6
CTL1
Control bit 1 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resistor is switched
in circuit whenever the EN pin is below the enable input high threshold, or when the part is in undervoltage
lockout.
7
CTL2
Control bit 2 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resistor is switched
in circuit whenever the EN pin is below the enable input high threshold, or when the part is in undervoltage
lockout.
8
CTL3
Control bit 3 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resistor is switched
in circuit whenever the EN pin is below the enable input high threshold, or when the part is in undervoltage
lockout.
9
NC
No connection.
10
VOUT
Output voltage sense pin.
11,12,13
PGND
Ground connection for converter power stage.
14,15,16
LX
Switching node - connect an inductor between this pin and the output capacitor.
T
Thermal Pad
Thermal pad for heatsinking purposes. Not connected internally. Connect to the PGND plane using multiple
vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com