Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQ Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC183CQ
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CQ Datasheet(HTML) 1 Page - Semtech Corporation

  SC183CQ Datasheet HTML 1Page - Semtech Corporation SC183CQ Datasheet HTML 2Page - Semtech Corporation SC183CQ Datasheet HTML 3Page - Semtech Corporation SC183CQ Datasheet HTML 4Page - Semtech Corporation SC183CQ Datasheet HTML 5Page - Semtech Corporation SC183CQ Datasheet HTML 6Page - Semtech Corporation SC183CQ Datasheet HTML 7Page - Semtech Corporation SC183CQ Datasheet HTML 8Page - Semtech Corporation SC183CQ Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
POWER MANAGEMENT
SC183CQ
2.5MHz, 2A Synchronous
Step-Down Regulator
Rev 2.2
Features
V
IN Range: 2.9 – 5.5V
V
OUT Options: 0.8 - 3.3V
Up to 2A Output Current
Ultra-Small Footprint, <1mm Height Solution
2.5MHz Switching Frequency
Efficiency Up to 93%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
100% Duty-Cycle Low Dropout Operation
<1µA Shutdown Current
Internal Soft Start
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
Adjustable Output Voltage
3mm x 3mm x 0.6mm thermally enhanced
MLPQ-UT16 package
Pb-free, Halogen free, and RoHS/WEEE compliant
AEC-Q100 (Grade2) Qualified
Applications
Automotive DC-DC
Office Automation and Computing
Set-Top Box
LCD TV
Network Cards
Printer
Description
The SC183CQ is a 2A synchronous step-down regulator
designed to operate with an input voltage range of 2.9 to
5.5 Volts. The device offers fifteen pre-determined outputs
voltages via four control pins programmable from 0.8 to
3.3 Volts. The control pins allow for on-the-fly voltage
changes, enabling system designers to implement
dynamic power savings. The SC183CQ is also capable of
adjusting output voltage via an external resistor divider.
The device is available with both commercial and auto-
motive grade qualification.
The device operates with a fixed 2.5MHz oscillator fre-
quency, allowing the use of small surface mount external
components.
Connecting CTL0 — CTL3 to logic low forces the device
into shutdown mode reducing the supply current to less
than 1µA. Connecting any of the control pins to logic
high enables the converter and sets the output voltage
according to Table 1. Other features include under-
voltage lockout, soft-start to limit in-rush current, and
over-temperature protection.
The SC183CQ is available in a thermally-enhanced, 3mm
x 3mm x 0.6mm MLPQ-UT16 package and is automotive
qualified to AEC-Q100.
For the commercial grade version of SC183CQ refer to the
SC183C datasheet.
Typical Application Circuit
CTL0
CTL1
PGND
AVIN
CIN
10µF
VIN
VOUT
1.50V / 2.0A
COUT
22µF
L
1.0µH
LX
VOUT
SC183CQ
CAVIN
1µF
RAVIN
10
ohm
PVIN
CTL2
AGND
CTL3
CTL0
CTL1
CTL2
CTL3


Similar Part No. - SC183CQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC183CEVB SEMTECH-SC183CEVB Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC183CULTRT SEMTECH-SC183CULTRT Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
More results

Similar Description - SC183CQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Global Mixed-mode Techn...
G5719 GMT-G5719 Datasheet
86Kb / 2P
1MHz, 2A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com