Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQ Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC183CQ
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CQ Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC183CQ Datasheet HTML 12Page - Semtech Corporation SC183CQ Datasheet HTML 13Page - Semtech Corporation SC183CQ Datasheet HTML 14Page - Semtech Corporation SC183CQ Datasheet HTML 15Page - Semtech Corporation SC183CQ Datasheet HTML 16Page - Semtech Corporation SC183CQ Datasheet HTML 17Page - Semtech Corporation SC183CQ Datasheet HTML 18Page - Semtech Corporation SC183CQ Datasheet HTML 19Page - Semtech Corporation SC183CQ Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Outline Drawing – 3x3 MLPQ-UT16
Land Pattern – 3x3 MLPQ-UT16
.114 .118
3.00
.122 2.90
3.10
NOTES:
bbb
C A B
aaa C
.003
.061
16
.067
.000
.020
-
-
(.006)
0.08
16
.071 1.55
.024
.002 0.00
0.50
1.80
1.70
0.05
0.60
(0.152)
-
-
.004
0.10
1.55
2.90
1.70 1.80
3.00 3.10
0.50 BSC
.020 BSC
0.30
.012
.020
.016
0.40 0.50
.122
.118
.114
.071
.067
.061
A
COPLANARITY APPLIES TO THE EXPO SED PAD AS W ELL AS THE TERM INALS.
2.
CONTROLLING DIM ENSIONS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
1.
INCHES
DIM ENSIONS
NOM
e
bbb
aaa
A1
A2
D1
E1
DIM
N
L
E
M IN
D
A
M ILLIM ETERS
M AX
M IN
M AX
NOM
E
B
D
e/2
e
bxN
1
2
N
PIN 1
INDICATOR
(LASER M ARK)
A1
C
SEATING
PLANE
LxN
E/2
D/2
b
.007 .009 .012 0.18 0.23 0.30
3. DAP IS 1.90 x 1.90m m .
D1
E1
A2
A
1. CONTROLLING DIM ENSIONS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
K
C
Z
P
Y
X
G
H
.146
.020
.012
.031
.083
.067
3.70
0.30
0.80
0.50
1.70
2.10
DIM
(2.90)
M ILLIM ETERS
DIM ENSIONS
(.114)
INCHES
K
.067
1.70
FAILURE TO DO SO M AY CO M PRO M ISE THE THERM AL AND/OR
FUNCTIO NAL PERFORM ANCE OF THE DEVICE.
SHALL BE CO NNECTED TO A SYSTEM GROUND PLANE.
THERM AL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
3.
P
X
H
(C)
R
R
.006
0.15
Y
G
Z
THIS LAND PATTERN IS FO R REFERENCE PURPOSES ONLY.
CONSULT YOUR M ANUFACTURING GROUP TO ENSURE YOUR
COM PANY'S M ANUFACTURING G UIDELINES ARE M ET.
NOTES:
2.
SC183CQ
www.semtech.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com