Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16501 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 17Page - Microchip Technology MCP16501 Datasheet HTML 18Page - Microchip Technology MCP16501 Datasheet HTML 19Page - Microchip Technology MCP16501 Datasheet HTML 20Page - Microchip Technology MCP16501 Datasheet HTML 21Page - Microchip Technology MCP16501 Datasheet HTML 22Page - Microchip Technology MCP16501 Datasheet HTML 23Page - Microchip Technology MCP16501 Datasheet HTML 24Page - Microchip Technology MCP16501 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 21
MCP16501
For the different OTP options for the t1 to t4 timings, see
the respective values in “Configuration Options”.
For power supplies starting at t1, additional delay time
interval is added to the device wake-up time.
The following timing diagram in Figure 4-5 shows the
typical sequence for Case 2:
FIGURE 4-5:
Start-Up from PWRHLD
Timing Diagram.
For all sequences described above, LPM can be
assumed to be low. The MPU will assert LPM after
some time, based on software decision, to enter the
Low-Power mode.
4.4.2
POWER-UP SEQUENCE
FLOWCHART
The start-up sequence is divided into three steps and
each Buck regulator is assigned to a specific sequence
step:
• Step 1 (Buck1) regulator is started after a delay
(t1) from the start-up event. If the start-up event is
no longer valid as the instant t1 expires, the
start-up sequence is aborted before the first regu-
lator is started.
• Step 2 (Buck2) regulator is started after a delay
(t2) since the completion of the sequence Step 1
(regulator enabled at Step 1 has been powered up
correctly).
• Step 3 (Buck3) regulator is started after a delay
(t3) from the completion of the sequence Step 2
(regulator enabled at Step 2 has been powered up
correctly).
The subsequent assertion of nRSTO is determined by
the status of all regulators that have been turned on
during the power-up sequence Their status is checked
before starting counter t4 and again checked at the
expiration of t4 to have nRSTO deasserted.
After the completion of the power-up sequence (i.e., at
the time instant nRSTO is deasserted), the MCP16501
will enter the Power modes state machine operation
defined by the LPM and PWRHLD signals, and the cor-
responding device setting.
Some regulators which are supposed to turn on in the
power-up sequence may fail to power-up correctly.
In this case, the sequencing engine adds a 32 ms
waiting time to allow the affected regulators to recover.
After the expiration of the 32 ms period, if the affected
regulators have still not recovered, the start-up
sequence is aborted and the MCP16501 returns to its
OFF state.
The start-up sequence flowchart is described in
Figure 4-6.
Where:
t1 = Delay from PWRHLD asserted to first
output VOUT1 starting (default 0.5 ms +
device wake-up time, about 100 µs)
t2 = Time from VOUT1 established to VOUT2
starting (default 8 ms)
t3 = Time from VOUT2 established to VOUT3
starting (default 4 ms)
t4 = Time from VOUT3 established to nRSTO
deassertion (default 16 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com