Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16501 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 3Page - Microchip Technology MCP16501 Datasheet HTML 4Page - Microchip Technology MCP16501 Datasheet HTML 5Page - Microchip Technology MCP16501 Datasheet HTML 6Page - Microchip Technology MCP16501 Datasheet HTML 7Page - Microchip Technology MCP16501 Datasheet HTML 8Page - Microchip Technology MCP16501 Datasheet HTML 9Page - Microchip Technology MCP16501 Datasheet HTML 10Page - Microchip Technology MCP16501 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 7
MCP16501
Hysteretic Control Mode
Enable Threshold,
Auto-PFM (MCP16501E only)
HCM_EN
5
9
13
%
IOUT1 =0 mA,
PWRHLD = LPM = 1,
VIN = PVIN1 falling,
% of VOUT1_NOM
Switching Frequency
fsw
1.8
2
2.2
MHz FPWM
Maximum Duty Cycle
DMAX
100
—
—
%
Functionality test
Minimum ON Time
TON_MIN1
—35
—
ns
FPWM
High-Side Switch
On-Resistance
RDSonP1
—
140
160
mΩ
PVIN1 = VIN = 3.6V
Low-Side Switch
On-Resistance
RDSonN1
—
120
140
mΩ
PVIN1 = VIN = 3.6V
Start-up POK Bypass
Threshold
VPOKB_TH_B1
360
400
440
mV
PVIN1 – OUT1, OUT1 rising,
PVIN1 = 3.0V, VOUT1_NOM =3.3V
Start-up POK Bypass
Threshold Hysteresis
VPOKB_HYS_B1
—
50
—
mV
OUT1 falling, PVIN1 = 3.0V
Soft Start Rate
SSR
—
3.125
—
V/ms —
High-Side Peak Current Limit
(Cycle by Cycle)
ILIM_HS1
1.2
1.8
2.4
A
—
Current Limit Frequency
Foldback VOUT1 Threshold
VTH_FFB1
—500
—
mV
—
Hiccup Mode Short-Circuit
Protection Wait Time
tHICCUP
—
3x Soft
Start
Time
—ms
—
Low-Side Negative Peak
Current Limit (FPWM)
ILIM_NEG1
-1.4
-1
-0.8
A
—
Zero Current Detection
Threshold
IZCD1
050
110
mA
—
Active
Discharge Resistance
RDISCH_OUT1
—25
—
Ω
DISCH enabled when regulator is
disabled
Buck2, Buck3
Input Operating Voltage Range
VPVINx
2.7
—
5.5
V
—
PVINx Shutdown Current
IPVINx_SHDN
—0.05
2
µA
Regulator disabled, PVINx = 5V
Output Voltage Accuracy,
FPWM
ACC_OUTPWMx
-1
—
+1
%
IOUTx = 0 mA, 0.9V ≤ VOUTx ≤ 1.3V
-1.5
—
+1.5
IOUTx =0mA, VOUTx < 0.9V or
VOUTx > 1.3V
Output Voltage Accuracy,
Auto-PFM
ACC_OUTPFMx
-1
—
+1
%
IOUTx = 0 mA, 0.9V ≤ VOUTx ≤ 1.3V
-1.5
—
+1.5
IOUTx =0mA, VOUTx <0.9V or
VOUTx > 1.3V
Output Voltage Line Regulation
(Note 2)
LINE_REGPWMx
—0.03
—
%
IOUT1 =0 mA, FPWM,
VIN = PVIN1 = VIN = 3.6V to 5.5V
LINE_REGPFMx
—0.07
—
IOUT1 = 0 mA, Auto-PFM,
VIN = PVIN1 = VIN = 3.6V to 5.5V
Output Voltage Load
Regulation (Note 2)
LOAD_REGPWMx
—0.3
—
%
IOUTx = 0A to 1A, FPWM
LOAD_REGPFMx
—0.5
—
IOUTx = 0A to 1A, Auto-PFM
Switching Frequency
fsw
1.8
2
2.2
MHz FPWM
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified: TA =TJ =+25°C; VIN = VIN =PVINx =5V; L1 =L2=L3 =2.2 µH;
COUT1, COUT2,, COUT3=22µF. Boldface type applies for junction temperatures TJ of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Maximum limit for TJ = -40°C to +105°C based on characterization data.
2:
Not production tested.
3:
Typical value from bench characterization, maximum value production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com