Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16501 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 5 Page - Microchip Technology

  MCP16501 Datasheet HTML 1Page - Microchip Technology MCP16501 Datasheet HTML 2Page - Microchip Technology MCP16501 Datasheet HTML 3Page - Microchip Technology MCP16501 Datasheet HTML 4Page - Microchip Technology MCP16501 Datasheet HTML 5Page - Microchip Technology MCP16501 Datasheet HTML 6Page - Microchip Technology MCP16501 Datasheet HTML 7Page - Microchip Technology MCP16501 Datasheet HTML 8Page - Microchip Technology MCP16501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 5
MCP16501
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
VIN to SGND................................................................................................................................................. -0.3V to +6V
Power Supply Voltage Pins PVINx to PGNDx .............................................................................................. -0.3V to +6V
Power Supply Voltage Pins PVINx to VIN.................................................................................................. -0.3V to +0.3V
LOUT Pin to GND ..................................................................................................... ........................-0.3V to VVIN + 0.3V
LFB Sense Pins to SGND...................................................................................... ...........................-0.3V to VVIN + 0.3V
OUTx Sense Pins to SGND .............................................................................................. ............................-0.3V to +6V
Output Switch Voltage SWx to PGNDx ..........................................................................................-0.3V to VPVINx + 0.3V
PGNDx to SGND ....................................................................................................................................... -0.3V to +0.3V
nSTRT, SELV2, SELV3 to SGND..................................................................................................... -0.3V to VVIN + 0.3V
LPM, LEN, PWRHLD, nRSTO, nSTRTO to SGND....................................................................................... -0.3V to +6V
Maximum Junction Temperature................................................................................................. ............................150°C
Storage Temperature............................................................................................................................. -65°C to +150°C
ESD Protection on All Pins:
HBM ..................................................................................................................................................................... 2 kV
MM ......................................................................................................................................................................100V
CDM .................................................................................................................................................................. 750V
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operational listings of this specification is not intended. Exposure to maximum rating
conditions for extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified: TA =TJ =+25°C; VIN = VIN =PVINx =5V; L1 =L2=L3 =2.2 µH;
COUT1, COUT2,, COUT3=22µF. Boldface type applies for junction temperatures TJ of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
System Input Supply
Supply Voltage Range
VIN
2.7
—
5.5
V—
Undervoltage Lockout
Threshold
VUVLO_TH
2.4
2.55
2.7
V
Turn-on
Undervoltage Lockout
Hysteresis
VUVLO_HYS
—125
—
mV
—
Shutdown (OFF) Current
ISHDN
—7
10
µA
PWRHLD = LPM = 0, nSTRT,
nRSTO, nSTRTO floating,
VIN =5.5V
ISHDN_105(1)
—4.5
6
µA
PWRHLD = LPM = 0, nSTRT,
nRSTO, nSTRTO floating,
VIN =4.5V,
TJ = -40°C to +105°C
Hibernate Mode
Non-Switching Quiescent
Current
IQNS_HIB1
—110
150
µA
IOUT2 = 0 mA, Buck2 ON,
all other channels off,
VOUT2 >VOUT2_NOM,
LPM = 1, PWRHLD = 0
Hibernate Mode Non-Switching
Quiescent Current
MCP16501D Only
IQNS_HIB2
—150
190
µA
IOUT2 = 0 mA, Buck2 ON,
LDO ON, all other channels OFF,
VOUT2 >VOUT2_NOM,
VLFB >VLFB_NOM
LPM = 1, PWRHLD = 0
Note 1:
Maximum limit for TJ = -40°C to +105°C based on characterization data.
2:
Not production tested.
3:
Typical value from bench characterization, maximum value production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com