Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16501 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 34Page - Microchip Technology MCP16501 Datasheet HTML 35Page - Microchip Technology MCP16501 Datasheet HTML 36Page - Microchip Technology MCP16501 Datasheet HTML 37Page - Microchip Technology MCP16501 Datasheet HTML 38Page - Microchip Technology MCP16501 Datasheet HTML 39Page - Microchip Technology MCP16501 Datasheet HTML 40Page - Microchip Technology MCP16501 Datasheet HTML 41Page - Microchip Technology MCP16501 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
MCP16501
DS20006388E-page 40
 2020-2022 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
/XX
Package
Device
Device:
MCP16501 Cost and Size Optimized PMIC
Tape and Reel
Option:
T
= Tape and Reel(1)
Device Option:
A
B
C
D
E
=
=
=
=
=
A option
B option
C option
D option
E option
Junction
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
RMB
= 24-Lead Very Thin Plastic Quad Flat, No
Lead (VQFN) Package- 4x4 mm Body
Qualification:
Blank
VAO
VXX
=
=
=
Standard Qualification
AEC-Q100 Automotive Qualification
AEC-Q100 Automotive Qualification,
custom device, additional terms or
conditions may apply
Examples:
a) MCP16501TA-E/RMB:
Cost and Size Optimized PMIC,
Tape and Reel, A Option,
-40°C to +125°C,
24-Lead 4 x 4 VQFN package
b) MCP16501TA-E/RMBVAO: Cost and Size Optimized PMIC,
Tape and Reel, A Option,
-40°C to +125°C,
24-Lead 4 x 4 VQFN package,
Automotive qualified
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
X(1)
Tape and Reel
Option
X
Junction
Temperature
Range
X
Option
Device
XXX
Qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com