Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16501 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 3 Page - Microchip Technology

  MCP16501 Datasheet HTML 1Page - Microchip Technology MCP16501 Datasheet HTML 2Page - Microchip Technology MCP16501 Datasheet HTML 3Page - Microchip Technology MCP16501 Datasheet HTML 4Page - Microchip Technology MCP16501 Datasheet HTML 5Page - Microchip Technology MCP16501 Datasheet HTML 6Page - Microchip Technology MCP16501 Datasheet HTML 7Page - Microchip Technology MCP16501 Datasheet HTML 8Page - Microchip Technology MCP16501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 3
MCP16501
Typical Application Circuit
Application Schematic of MCP16501D with SAMA5D2 and LPDDR2
See Table 3-1 for pin information.
SW1
SGND
VOUT1
3.3V / 1A
MCP16501D
L1
1.5-2.2μH
C4
4.7μF
PGND1
23
22
nSTRT
C1
22μF
PVIN1
VIN
1
OUT1
SW2
VOUT2
1.2V / 1A
L2
1.5-2.2μH
C5
4.7μF
PGND2
8
9
C2
22μF
PVIN2
VIN
6
OUT2
SW3
VOUT3
1.25V /1A
L3
1.5-2.2μH
C6
4.7μF
PGND3
11
10
C3
22μF
PVIN3
VIN
OUT3
C7
. μF
VIN
VIN
19
LFB
18
LOUT
C8
. μF
VLOUT
1.8V /
0.3A
nSTRTO
R2
100k
VBAT
2
nRSTO
R1
100k
VOUT1
LEN
21
PWRHLD
4
LPM
LPDDR2
15
SELV3
20
SELV2
5
R4
182k
R3
182k
VIN :2.7V-5.5V
VLOUT
VIN
VOUT3 OUTPUT VOLTAGE
SELECTION (CORE)
R5
VIN
Q1
SAMA5D2
eMPU
VDDIOP[0,1,2]
VDDIODDR
SHDN
nRST
PIOBU0
WKUP0
VDDBU
VDDISC
VDDUTMII
VDDSDMMC
VDDFUSE
VDDOSC
VDDAUDIOPLL
VDDANA
VDDCORE
VDDPLLA
VDDHSIC
VDDUTMIC
R2
100
Ω
BACKUP SUPPLY
(BATTERY or SUPERCAP)
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com