Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16501 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 32Page - Microchip Technology MCP16501 Datasheet HTML 33Page - Microchip Technology MCP16501 Datasheet HTML 34Page - Microchip Technology MCP16501 Datasheet HTML 35Page - Microchip Technology MCP16501 Datasheet HTML 36Page - Microchip Technology MCP16501 Datasheet HTML 37Page - Microchip Technology MCP16501 Datasheet HTML 38Page - Microchip Technology MCP16501 Datasheet HTML 39Page - Microchip Technology MCP16501 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
MCP16501
DS20006388E-page 36
 2020-2022 Microchip Technology Inc. and its subsidiaries
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-21387 Rev A Sheet 2 of 2
24-Lead Very Thin Plastic Quad Flat, No Lead Package (RMB) - 4x4 mm Body [VQFN]
Atmel Legacy Global Package Code ZZP
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.50 BSC
0.203 REF
0.30
0.18
-
0.00
0.25
0.40
-
-
4.00 BSC
MILLIMETERS
MIN
NOM
24
0.50
0.30
0.90
0.05
MAX
K-
0.20
-
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
2.60
4.00 BSC
2.70
2.80
2.60
2.70
2.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com