Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTV08040WAD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTV08040WAD
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV08040WAD Datasheet(HTML) 4 Page - Texas Instruments

  PTV08040WAD Datasheet HTML 1Page - Texas Instruments PTV08040WAD Datasheet HTML 2Page - Texas Instruments PTV08040WAD Datasheet HTML 3Page - Texas Instruments PTV08040WAD Datasheet HTML 4Page - Texas Instruments PTV08040WAD Datasheet HTML 5Page - Texas Instruments PTV08040WAD Datasheet HTML 6Page - Texas Instruments PTV08040WAD Datasheet HTML 7Page - Texas Instruments PTV08040WAD Datasheet HTML 8Page - Texas Instruments PTV08040WAD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
DEVICE INFORMATION
PIN1
)
V
-0.8
O
0.8
-7.135kW
(
R
=30.1
SET
x
PTV08040W
SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007
PTV08040W
(Top View)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
4, 5, 11, 12, 18,
This is the common ground connection for the VI and VO power connections. It is also the 0 Vdc
GND
19
reference for the control inputs.
6, 7, 13, 14, 20,
VI
The positive input voltage power node to the module, which is referenced to common GND.
21
VO
3, 10, 17
The regulated positive power output with respect to GND.
The Inhibit pin is an open-collector/drain negative logic input that is referenced to GND. Applying a
low-level ground signal to this input disables the module’s output and turns off the output voltage. When
the Inhibit control is active, the input current drawn by the regulator is significantly reduced. If the Inhibit
pin is left open-circuit, the module produces an output whenever the input voltage is above the UVLO
Inhibit /
16
threshold.
UVLO
This pin is also used for input undervoltage lockout (UVLO) programming. Connecting a resistor from
this pin to signal ground allows the ON threshold of the UVLO to be adjusted higher than the default
value. The hysterisis can also be independently reduced by connecting a second resistor from this pin to
VI. For further information, see the Application Information section.
A 1%, 0.05-W resistor must be connected between this pin and GND to set the output voltage higher
than the minimum value. The set-point range for the output voltage is from 0.8 V to 3.6 V. The resistor
VO Adjust
8
required for a given output voltage may be calculated from the following formula. If left open circuit, the
module output defaults to its lowest output voltage value. For further information on the adjustment
and/or trimming of the output voltage, see the related Application Information section.
The specification table gives the preferred resistor values for a number of standard output voltages.
The sense inputs allow the regulation circuit to compensate for voltage drop between the module and the
+Sense
1
load. For optimal voltage accuracy, +Sense should be connected to VO. If it is left open, a low-value
internal resistor ensures that the output remains in regulation.
For optimal voltage accuracy, –Sense should be connected to the ground return at the load. If it is left
–Sense
2
open, a low-value internal resistor ensures that the output remains in regulation.
This is an analog control input that allows the output voltage to follow another voltage during power up
and power down sequences. The pin is active from 0 V, up to the nominal set-point voltage. Within this
range, the module output follows the voltage at the Track pin on a volt-for-volt basis. When the control
Track
15
voltage is raised above this range, the module regulates at its nominal output voltage. If unused, this
input should be connected to VI for a faster power up. For further information, see the related Application
Information section.
N/C
9
No Connection
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com