Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTV08040WAD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTV08040WAD
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV08040WAD Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTV08040WAD Datasheet HTML 3Page - Texas Instruments PTV08040WAD Datasheet HTML 4Page - Texas Instruments PTV08040WAD Datasheet HTML 5Page - Texas Instruments PTV08040WAD Datasheet HTML 6Page - Texas Instruments PTV08040WAD Datasheet HTML 7Page - Texas Instruments PTV08040WAD Datasheet HTML 8Page - Texas Instruments PTV08040WAD Datasheet HTML 9Page - Texas Instruments PTV08040WAD Datasheet HTML 10Page - Texas Instruments PTV08040WAD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
CAPACITOR RECOMMENDATIONS FOR THE PTV08040W POWER MODULE
Input Capacitor (Required)
Output Capacitors ( Ceramic Required)
Ceramic Capacitors
PTV08040W
SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007
The PTV08040W is a state-of-the-art multi-phase power converter topology that uses three parallel switching
and filter inductor paths between the common input and output filter capacitors. The three paths share the load
current, operate at the same frequency, and are evenly displaced in phase.
With multiple switching paths the transient output current capability is significantly increased. This reduces the
amount of external output capacitance required to support a load transient. As a further benefit, the ripple
current, as seen by the input and output capacitors, is reduced in magnitude and effectively tripled in frequency.
The improved transient response of a multi-phase converter places a bigger burden on the transient capability of
the input source. The size and value of the input capacitor is therefore determined by this converter’s transient
performance capability. The minimum amount of input capacitance required is 560 µF, with an RMS ripple
current rating of 300 mA. This minimum value assumes that the converter is supplied with a responsive, low
inductance input source. This source should have ample capacitive decoupling, and be distributed to the
converter via PCB power and ground planes. For high-performance applications, or wherever the transient
performance of the input source is limited, 1000 µF of input capacitance is recommended.
Ripple current, less than 100 m
Ω of equivalent series resistance (ESR), and temperature are the main
considerations when selecting input capacitors. The ripple current reflected from the input of the PTV08040W
module is moderate to low. Therefore any good quality, computer-grade electrolytic capacitor, of either value
suggested, has an adequate ripple current rating.
Regular tantalum capacitors are not recommended for the input bus. These capacitors require a recommended
minimum voltage rating of 2
× (maximum dc voltage + ac ripple). This is standard practice to ensure reliability.
No tantalum capacitors were found with a sufficient voltage rating to meet this requirement. When the operating
temperature is below 0
°C, the ESR of aluminum electrolytic capacitors increases. For these applications,
Os-Con, poly-aluminum, and polymer-tantalum types should be considered. Adding one or two ceramic
capacitors to the input reduces high-frequency reflected ripple current.
The PTV08040W requires a minimum output capacitance of 150 µF of ceramic capacitors. This is necessary for
the stable operation of the regulator. Additional capacitance can be added to improve the module's performance
to load transients. High quality computer-grade electrolytic capacitors are recommended. Aluminum electrolytic
capacitors provide adequate decoupling over the frequency range, 2 kHz to 150 kHz, and are suitable when
ambient temperatures are above 0
°C. For operation below 0°C, tantalum, ceramic, or Os-Con type capacitors
are necessary.
When using a combination of one or more nonceramic capacitors, the calculated equivalent ESR should be no
lower than 3 m
Ω (5 mΩ when calculating using the manufacturer’s maximum ESR values). A list of preferred
low-ESR type capacitors are identified in Table 1.
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They can
be used to reduce the reflected ripple current at the input as well as improve the transient response of the
output. When used on the output their combined ESR is not critical as long as the total value of ceramic
capacitors, with values between 10 µF and 100 µF, does not exceed 750 µF. Also, to prevent the formation of
local resonances, do not place more than five identical ceramic capacitors in parallel with values of 10 µF or
greater.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com