Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTV08040WAD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTV08040WAD
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV08040WAD Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTV08040WAD Datasheet HTML 6Page - Texas Instruments PTV08040WAD Datasheet HTML 7Page - Texas Instruments PTV08040WAD Datasheet HTML 8Page - Texas Instruments PTV08040WAD Datasheet HTML 9Page - Texas Instruments PTV08040WAD Datasheet HTML 10Page - Texas Instruments PTV08040WAD Datasheet HTML 11Page - Texas Instruments PTV08040WAD Datasheet HTML 12Page - Texas Instruments PTV08040WAD Datasheet HTML 13Page - Texas Instruments PTV08040WAD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
ADJUSTING THE OUTPUT VOLTAGE OF THE PTV08040W WIDE-OUTPUT ADJUST POWER
)
V
-0.8
O
0.8
-7.135kW
(
R
=30.1
SET
x
(1)
PTV08040W
R
1%
0.05W
SET
10
17
3
12 18 19 4 5 11
1
2
VO
VO
C 2
O
C 1
O
GND
GND
VOAdj
8
+Sense
+Sense
-Sense
-Sense
GND
PTV08040W
SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007
MODULE
The VO Adjust control (pin 8) sets the output voltage of the PTV08040W product. The adjustment range is from
0.8 V to 3.6 V. The adjustment method requires the addition of a single external resistor, RSET, that must be
connected directly between the VO Adjust and GND pins. Table 2 gives the preferred value of the external
resistor for a number of standard voltages, along with the actual output voltage that this resistance value
provides.
For other output voltages, the value of the required resistor can either be calculated using Equation 1, or simply
selected from the range of values given in Table 3. Figure 9 shows the placement of the required resistor.
Table 2. Standard Values of RSET for Common Output
Voltages
PTV08040W
VO (Required)
RSET
VO (Actual)
3.3 V
2.49 k
Ω
3.303 V
2.5 V
6.98 k
Ω
2.5 V
2.0 V
13.0 k
Ω
1.997 V
1.8 V
16.9 k
Ω
1.796 V
1.5 V
27.4 k
Ω
1.498 V
1.2 V
53.6 k
Ω
1.202 V
1.0 V
113 k
Ω
1 V
0.8 V
Open
0.8 V
Figure 9. VO Adjust Resistor Placement
• A 0.05-W rated resistor may be used. The tolerance should be 1%, and the temperature stability, 100
ppm/
°C (or better). Place the resistor as close to the regulator as possible. Connect the resistor directly
between pin 8 and nearest GND pin (pin 11) using dedicated PCB traces.
• Never connect capacitors from V
O Adjust to either GND or VO. Any capacitance added to the VO Adjust pin
affects the stability of the regulator.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com