Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTV08040WAD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTV08040WAD
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV08040WAD Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTV08040WAD Datasheet HTML 5Page - Texas Instruments PTV08040WAD Datasheet HTML 6Page - Texas Instruments PTV08040WAD Datasheet HTML 7Page - Texas Instruments PTV08040WAD Datasheet HTML 8Page - Texas Instruments PTV08040WAD Datasheet HTML 9Page - Texas Instruments PTV08040WAD Datasheet HTML 10Page - Texas Instruments PTV08040WAD Datasheet HTML 11Page - Texas Instruments PTV08040WAD Datasheet HTML 12Page - Texas Instruments PTV08040WAD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
PTV08040W
SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007
APPLICATION INFORMATION (continued)
Table 1. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Capacitor Vendor,
Max Ripple
Working
Value
Max. ESR
Physical
Input
Output
Type Series (Style)
Current at
Vendor Part No.
Voltage
(µF)
at 100 kHz
Size (mm)
Bus
Bus
85
°C (Irms)
Panasonic
25 V
1000
0.043
Ω
>1690 mA
16
× 15
1
1
EEUFC1E102S
FC (Radial)
25 V
560
0.065
Ω
1205 mA
12,5
× 15
1
1
EEUFC1E561S
16 V
680
0.080
Ω
>850 mA
10
× 10,2
1
1
EEVFK1C681P
FK (SMD)
35 V
1000
0.060
Ω
1100 mA
12,5
× 13,5
1
1
EEVFK1V102Q
United Chemi-Con
16 V
470
0.090
Ω
670 mA
10
× 10
2
1
MVZ25VC471MJ10TP
MVZ(SMD)
16 V
470
0.090
Ω
760 mA
10
× 12,5
2
1
LXZ16VB471M10X12LL
LXZ, Aluminum (Radial)
25 V
680
0.068
Ω
1050 mA
10
× 16
1
1
LXZ16VB681M10X16LL
PS, Poly-Aluminum(Radial)
16 V
330
0.014
Ω
5060 mA
10
× 12,5
2
≤3
16PS330MJ12
PXA, Poly-Aluminum (SMD)
16 V
330
0.014
Ω
5050 mA
10
× 12,2
2
≤3
PXA16VC331MJ12TP
Nichicon, Aluminum
25 V
560
0.060
Ω
1060 mA
12,5
× 15
1
1
UPM1E561MHH6
HD (Radial)
25 V
680
0.038
Ω
1430 mA
10
× 16
1
1
UHD1C681MHR
PM (Radial)
35 V
560
0.048
Ω
1360 mA
16
× 15
1
1
UPM1V561MHH6
Panasonic, Poly-Aluminum:
7,3 L
× 4,3
6.3 V
180
0.005
Ω
4000 mA
W
× 4,2 H
N/R(2)
≤4
EEFWA1C331P
Sanyo
10 V
330
0.025
Ω
3000 mA
7,3 L
N/R(2)
≤5
10TPE330M
TPE, Poscap (SMD)
× 5,7 W
SVP, Os-Con (SMDl)
16 V
330
0.016
Ω
>4700 mA
10
× 12,6
2
≤ 3
16SVP330M
SEPC, Os-Con (Radial)
16 V
470
0.010
Ω
>6000 mA
11
× 13
2
≤2
16SEPC470M
AVX, Tantalum, Series III
10 V
470
0.045
Ω
>1723 mA
7,3 L
N/R(2)
≤7
TPSE477M010R0045
TPS (SMD)
10 V
330
0.045
Ω
1723 mA
× 5,7 W
N/R(2)
≤7
TPSE337M010R0045
× 4,1 H
Kemet, Poly-Tantalum
10 V
330
0.040
Ω
1800 mA
4,3 W
N/R(2)
≤7
T520X337M010AS
T520 (SMD)
10 V
330
0.015
Ω
>3800 mA
× 7,3 L
N/R(2)
≤3
T530X337M010AS
T530 (SMD)
6.3 V
470
0.012
Ω
4200 mA
× 4 H
N/R(2)
≤2
T530X477M006AS
Vishay-Sprague
10 V
470
0.100
Ω
1440 mA
7,2 L
× 5,7
N/R(2)
2
595D477X0010R2T
595D, Tantalum (SMD)
16 V
1000
0.015
Ω
9740 mA
W
× 4,1 H
1
≤3
94SA108X0016HBP
94SA, Os-con (Radial)
16
× 25
Kemet, Ceramic X5R (SMD)
16 V
10
0.002
Ω
–
3225
1
≤10
C1210C106M4PAC
6.3 V
47
0.002
Ω
N/R(2)
≤10
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3 V
100
–
–
3225
N/R(2)
≤5
GRM32ER60J107M
6.3 V
47
N/R(2)
≤ 10
GRM32ER60J476M
16 V
47
1
≤ 10
GRM32ER61C476K
16 V
22
1
≤ 10
GRM32ER61C226K
16 V
10
1
≤ 10
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3 V
100
–
–
3225
N/R(2)
≤5
C3225X5R0J107MT
6.3 V
47
N/R(2)
≤ 10
C3225X5R0J476MT
16 V
22
1
≤ 10
C3225X5R1C226MT
16 V
10
1
≤ 10
C3225X5R1C106MT
(1)
Capacitor Supplier Verification
1.Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
2.Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com