Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTV08040WAD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTV08040WAD
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV08040WAD Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTV08040WAD Datasheet HTML 8Page - Texas Instruments PTV08040WAD Datasheet HTML 9Page - Texas Instruments PTV08040WAD Datasheet HTML 10Page - Texas Instruments PTV08040WAD Datasheet HTML 11Page - Texas Instruments PTV08040WAD Datasheet HTML 12Page - Texas Instruments PTV08040WAD Datasheet HTML 13Page - Texas Instruments PTV08040WAD Datasheet HTML 14Page - Texas Instruments PTV08040WAD Datasheet HTML 15Page - Texas Instruments PTV08040WAD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.ti.com
ADJUSTING THE UNDERVOLTAGE LOCKOUT (UVLO) OF THE PTV08040W POWER MODULES
UVLO Adjustment
Adjustment Method
PTV08040W
6,7
13,14
20,21
4
5
11
16 Inhibit/
UVLOProg
GND
VI
CI
RHYS
RTHD
VI
GND
PTV08040W
SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007
The PTV08040W power modules incorporate an input undervoltage lockout (UVLO). The UVLO feature prevents
the operation of the module until there is sufficient input voltage to produce a valid output voltage. This enables
the module to provide a clean, monotonic powerup for the load circuit, and also limits the magnitude of current
drawn from the regulator’s input source during the power-up sequence.
The UVLO characteristic is defined by the ON threshold (VTHD) and hysterisis (VHYS) voltages. Below the ON
threshold, the Inhibit control is overridden, and the module does not produce an output. The hysterisis voltage is
the difference between the ON and OFF threshold voltages. It ensures a clean power-up, even when the input
voltage is rising slowly. The hysterisis prevents start-up oscillations, which can occur if the input voltage droops
slightly when the module begins drawing current from the input source.
The UVLO feature of the PTV08040W module allows for limited adjustment of both the on threshold and
hysterisis voltages. The adjustment is made via the UVLO Prog control pin. When the UVLO Prog pin is left
open circuit, the ON threshold and hysterisis voltages are internally set to their default values. The ON threshold
has a nominal voltage of 7.5 V, and the hysterisis 1 V. This ensures that the module produces a regulated
output when the minimum input voltage is applied (see specifications). The combination correlates to an OFF
threshold of approximately 6.5 V. The adjustments are limited. The ON threshold can only be adjusted higher,
and the hysterisis voltage can only be reduced in magnitude.
The ON threshold might need to be raised if the module is powered from a tightly regulated 12-V bus. This
prevents it from operating if the input bus fails to completely rise to its specified regulation voltage. The hysterisis
should not be changed unless absolutely necessary. The hysterisis ensures that the module exhibits a clean
startup. Therefore, adjustment of the hysterisis should only be considered if there is a system requirement to
specifically set the off threshold voltage (in addition to the on threshold). Depending on the load regulation of the
input source, the hysterisis should not be adjusted below 0.5 V without careful consideration.
The resistors, RTHD and RHYS (see Figure 10), provide the adjustment of the on-threshold and hysterisis
voltages. RTHD connects between the UVLO Prog control pin and GND, and RHYS is connected between the
UVLO Prog and VI. RTHD alone is used to adjust the on-threshold voltage higher. However, to adjust the
hystersis to a lower value requires both the RHYS and RTHD resistors to be placed in the circuit.
The recommended adjustment method requires that any change to the hysterisis be determined first. If the
hysterisis is changed, then a value for RTHD must also be calculated. This is irrespective of whether a change is
required to the value of VTHD. If there is no change to VHYS, then a resistor should not be placed in the RHYS
location. RHYS should then be assigned an infinite value for calculating the value of RTHD.
Figure 10. UVLO Program Resistor Placement
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com