Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTV08040WAD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTV08040WAD
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV08040WAD Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTV08040WAD Datasheet HTML 9Page - Texas Instruments PTV08040WAD Datasheet HTML 10Page - Texas Instruments PTV08040WAD Datasheet HTML 11Page - Texas Instruments PTV08040WAD Datasheet HTML 12Page - Texas Instruments PTV08040WAD Datasheet HTML 13Page - Texas Instruments PTV08040WAD Datasheet HTML 14Page - Texas Instruments PTV08040WAD Datasheet HTML 15Page - Texas Instruments PTV08040WAD Datasheet HTML 16Page - Texas Instruments PTV08040WAD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
Hysterisis Adjust
k
)
H Y S
V
(1
0 .3 6 5
H Y S
V
2 6 .1
H Y S
R
-
´
´
=
(2)
Threshold Adjust
k
1
0.0027]
1)
/2.5
THD
0.014)(V
HYS
39.2[(1/R
39.2
THD
R
-
-
-
+
=
(3)
Calculated Values
PTV08040W
SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007
The hysterisis voltage, VHYS, is the difference between the ON and OFF threshold values. The default value is 1
V and it can only be adjusted to a lower value.
Caution should be used when changing the hysterisis voltage to a lower value, as it could permit start-up
oscillations.
Any change in the hysterisis voltage requires both RHYS and RTHD resistors be in place. Adding RHYS alone does
not have the desired effect. The value for RHYS must first be calculated using Equation 2, and then be used to
determine a value for RTHD, using Equation 3.
Equation 3 determines the value of RTHD required to adjust VTHD to a new value. The default value is 7.5 V, and
it may only be adjusted to a higher value. If the hysterisis value has been adjusted, then a value for RTHD must
also be calculated. (This is irrespective of whether VTHD is being adjusted.) If there has been no adjustment for
the hystersis voltage, the term 1/RHYS in Equation 3, may be assigned the value, 0.
Table 4 shows a matrix of standard resistor values for RHYS and RTHD, for different options of the on-threshold
(VTHD) and hysterisis (VHYS) voltages. For most applications, only the on-threshold voltage should need to be
adjusted. In this case select only a value for RTHD from far right-hand column.
The hysterisis should only be adjusted if there is a specific requirement to independently adjust the off-threshold,
separately from the on-threshold voltage. In this case, a value for both RHYS and RTHD must be selected from
Table 4. This is irrespective of whether the on-threshold voltage is being adjusted.
Table 4. Calculated Values of RHYS and RTHD, for Various Values of VHYS and
VTHD
1 V
VHYS
0.5 V
0.6 V
0.7 V
0.8 V
0.9 V
(default)
VTHD
RHYS
71.5 k
Ω
107 k
Ω
165 k
Ω
287 k
Ω
649 k
Ω
N/A
8 V
30.1 k
Ω
43.2 k
Ω
63.4 k
Ω
97.6 k
Ω
169 k
Ω
402 k
Ω
8.5 V
25.5 k
Ω
36.5 k
Ω
51.1 k
Ω
73.2 k
Ω
110 k
Ω
187 k
Ω
9 V
23.2 k
Ω
30.9 k
Ω
42.2 k
Ω
57.6 k
Ω
82.5 k
Ω
124 k
Ω
9.5 V
20 k
Ω
27.4 k
Ω
36.5 k
Ω
48.7 k
Ω
64.9 k
Ω
90.9 k
Ω
10 V
RTHD
18.2 k
Ω
24.3 k
Ω
31.6 k
Ω
41.2 k
Ω
54.9 k
Ω
73.2 k
Ω
10.5 V
16.2 k
Ω
21.5 k
Ω
28 k
Ω
36.5 k
Ω
46.4 k
Ω
60.4 k
Ω
11 V
15 k
Ω
19.6 k
Ω
25.5 k
Ω
32.4 k
Ω
41.2 k
Ω
52.3 k
Ω
11.5 V
14 k
Ω
18.2 k
Ω
23.2 k
Ω
28 k
Ω
36.5 k
Ω
45.3 k
Ω
12 V
12.7 k
Ω
16.5 k
Ω
21 k
Ω
26.1 k
Ω
32.4 k
Ω
40.2 k
Ω
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com