Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 4Page - Texas Instruments SN65MLVD080 Datasheet HTML 5Page - Texas Instruments SN65MLVD080 Datasheet HTML 6Page - Texas Instruments SN65MLVD080 Datasheet HTML 7Page - Texas Instruments SN65MLVD080 Datasheet HTML 8Page - Texas Instruments SN65MLVD080 Datasheet HTML 9Page - Texas Instruments SN65MLVD080 Datasheet HTML 10Page - Texas Instruments SN65MLVD080 Datasheet HTML 11Page - Texas Instruments SN65MLVD080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
Output
A
Output
tpLH
tpHL
Input
C3
0.5 pF
B
D
0 V
0.9V
V
0 V
tf
tr
VCC
VCC/2
0 V
SS
SS
0 V
0.1V
SS
SS
C1
1 pF
C2
1 pF
VP(H)
VP(L)
R1
50
A
B
R1
24.9
tpZH
tpHZ
tpZL
tpLZ
VCC
VCC/2
0 V
∼ 0.6 V
0.1 V
0 V
∼ -0.6 V
0 V
-0.1 V
DE
Output With
D at VCC
Output
0 V or VCC
DE
Output With
D at 0 V
C1
1 pF
R2
24.9
C4
0.5 pF
C2
1 pF
D
C3
2.5 pF
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 1 MHz,
duty cycle = 50
±5%.
B.
C1, C2, and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are
±20%.
C.
R1 is a metal film, surface mount, and 1% tolerance and located within 2 cm of the D.U.T.
D.
The measurement is made on test equipment with a –3 dB bandwidth of at least 1 GHz.
Figure 5. Driver Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 1 MHz,
duty cycle = 50
±5%.
B.
C1, C2, C3, and C4 includes instrumentation and fixture capacitance within 2 cm of the D.U.T. and are
±20%.
C.
R1 and R2 are metal film, surface mount, and 1% tolerance and located within 2 cm of the D.U.T.
D.
The measurement is made on test equipment with a –3 dB bandwidth of at least 1 GHz.
Figure 6. Driver Enable and Disable Time Circuit and Definitions
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com