Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 5Page - Texas Instruments SN65MLVD080 Datasheet HTML 6Page - Texas Instruments SN65MLVD080 Datasheet HTML 7Page - Texas Instruments SN65MLVD080 Datasheet HTML 8Page - Texas Instruments SN65MLVD080 Datasheet HTML 9Page - Texas Instruments SN65MLVD080 Datasheet HTML 10Page - Texas Instruments SN65MLVD080 Datasheet HTML 11Page - Texas Instruments SN65MLVD080 Datasheet HTML 12Page - Texas Instruments SN65MLVD080 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
A
B
0 V or VCC
1.62 k
Ω , ±1%
VA or VB
tc(n)
1/f0
0 V
0 V
Period Jitter
0 V
Peak to Peak Jitter
1/f0
PRBS INPUT
OUTPUT
VA -VB
VA -VB
CLOCK
INPUT
IDEAL
OUTPUT
ACTUAL
OUTPUT
VCC
VCC/2
tjit(per) = tc(n) -1/f0
tjit(pp)
0 V
VCC
VCC/2
0 V
VA -VB
VA -VB
Cycle to Cycle Jitter
0 V
VA - VB
OUTPUT
tc(n)
tc(n+1)
tjit(cc) = | tc(n) - tc(n+1) |
(VA + VB)/2
IO
R
VCM
VO
VID
VA
IA
A
B
IB
VB
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Maximum Steady State Output Voltage
A.
All input pulses are supplied by an Agilent 8304A Stimulus System with plug-in TBD.
B.
The measurement is made on a TEK TDS6604 running TDSJIT3 application software
C.
Period jitter and cycle-to-cycle jitter are measured using a 100 MHz 50
±1% duty cycle clock input.
D.
Peak-to-peak jitter and deterministic jitter are measured using a 200 Mbps 215–1 PRBS input.
Figure 8. Driver Jitter Measurement Waveforms
Figure 9. Receiver Voltage and Current Definitions
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com