Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 9Page - Texas Instruments SN65MLVD080 Datasheet HTML 10Page - Texas Instruments SN65MLVD080 Datasheet HTML 11Page - Texas Instruments SN65MLVD080 Datasheet HTML 12Page - Texas Instruments SN65MLVD080 Datasheet HTML 13Page - Texas Instruments SN65MLVD080 Datasheet HTML 14Page - Texas Instruments SN65MLVD080 Datasheet HTML 15Page - Texas Instruments SN65MLVD080 Datasheet HTML 16Page - Texas Instruments SN65MLVD080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21
22
23
24
25
26
27
28
29
30
31
32
VCC
17
18
19
20
64
63
62
61
49
50
51
52
53
54
55
56
57
58
59
60
41
42
43
44
45
46
47
48
33
34
35
36
37
38
39
40
GND
VCC
GND
1B
1DE
2DE
2A
2B
3A
4DE
4A
4B
GND
VCC
RE
3B
3DE
GND
1A
7A
7B
7DE
8DE
8A
8B
VCC
6A
6B
6DE
5B
5A
5DE
GND
VCC
1D
1R
GND
3R
VCC
VCC
3D
4D
4R
GND
GND
GND
GND
2R
2D
7R
VCC
6R
5R
5D
6D
GND
VCC
7D
8D
8R
GND
VCC
VCC
DGG PACKAGE
(TOP VIEW)
INPUTS
OUTPUT
VID = VA - VB
L
H
- 50 mV < VID < 50 mV
L
?
VID ≤ - 50 mV
L
L
X
H
Z
RECEIVER (080)
VID ≥ 50 mV
Open Circuit
L
RE
?
R
RECEIVER (082)
H = high level, L = low level, Z = high impedance, X = Don’t care, ? = indeterminate
INPUT
OUTPUTS
L
H
OPEN
X
X
DRIVERS
D
DE
A OR Y
H
H
H
OPEN
L
L
H
L
Z
Z
H
L
H
Z
Z
ENABLE
B OR Z
X
Open
Z
INPUTS
OUTPUT
VID = VA - VB
L
H
50 mV < VID < 150 mV
L
?
VID ≤ 50 mV
L
L
X
H
Z
VID ≥ 150 mV
Open Circuit
L
RE
L
R
X
Open
Z
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
DEVICE FUNCTION TABLE
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com