Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 8Page - Texas Instruments SN65MLVD080 Datasheet HTML 9Page - Texas Instruments SN65MLVD080 Datasheet HTML 10Page - Texas Instruments SN65MLVD080 Datasheet HTML 11Page - Texas Instruments SN65MLVD080 Datasheet HTML 12Page - Texas Instruments SN65MLVD080 Datasheet HTML 13Page - Texas Instruments SN65MLVD080 Datasheet HTML 14Page - Texas Instruments SN65MLVD080 Datasheet HTML 15Page - Texas Instruments SN65MLVD080 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
www.ti.com
tc(n)
1/f0
Period Jitter
Peak to Peak Jitter
1/f0
PRBS INPUT
OUTPUT
CLOCK INPUT
IDEAL
OUTPUT
ACTUAL
OUTPUT
tjit(per) = tc(n) -1/f0
tjit(pp)
VA -VB
INPUTS
VA - VB
VCM
0.2 V (’080)
1 V
0.4 V (’082)
VOH
VCC/2
VOL
VOH
VOL
VCC/2
VOH
VOL
VCC/2
VA
VB
Cycle to Cycle Jitter
VOH
VCC/2
VOL
OUTPUT
tc(n)
tc(n+1)
tjit(cc) = | tc(n) - tc(n+1) |
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
A.
All input pulses are supplied by an Agilent 8304A Stimulus System with plug-in TBD.
B.
The measurement is made on a TEK TDS6604 running TDSJIT3 application software
C.
Period jitter and cycle-to-cycle jitter are measured using a 100 MHz 50
±1% duty cycle clock input.
D.
Peak-to-peak jitter and deterministic jitter are measured using a 200 Mbps 215–1 PRBS input.
Figure 12. Receiver Jitter Measurement Waveforms
Table 3. Terminal Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
1D–8D
58, 57, 52, 51, 46, 45, 40, 39
Input
Data inputs for drivers
1R–8R
59, 56, 53, 50, 47, 44, 41, 38
Output
Data output for receivers
1A–8A
6, 8, 12, 14, 18, 20, 24, 26
Bus I/O
M-LVDS bus noninverting input/output
1B–8B
7, 9, 13, 15, 19, 21, 25, 27
Bus I/O
M-LVDS bus inverting input/output
10, 16, 22, 28, 36, 37, 43, 49, 55, 62, 63,
GND
Power
Circuit ground
64
VCC
5, 11, 17, 23, 34, 35, 42, 48, 54, 60, 61
Power
Supply voltage
RE
33
Input
Receiver enable, active low, enables all receivers
1DE–8DE
1, 2, 3, 4, 29, 30, 31, 32
Input
Driver enable, active high, individual enables
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com