Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 10Page - Texas Instruments SN65MLVD080 Datasheet HTML 11Page - Texas Instruments SN65MLVD080 Datasheet HTML 12Page - Texas Instruments SN65MLVD080 Datasheet HTML 13Page - Texas Instruments SN65MLVD080 Datasheet HTML 14Page - Texas Instruments SN65MLVD080 Datasheet HTML 15Page - Texas Instruments SN65MLVD080 Datasheet HTML 16Page - Texas Instruments SN65MLVD080 Datasheet HTML 17Page - Texas Instruments SN65MLVD080 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
360 k
400
VCC
DRIVER INPUT AND DRIVER ENABLE
D or DE
7 V
400
VCC
RE
7 V
RECEIVER ENABLE
VCC
7 V
10
10
RECEIVER OUTPUT
360 k
DRIVER OUTPUT
Y or Z
R
VCC
200 k
250 k
200 k
250 k
100 k
100 k
VCC
RECEIVER INPUT
B
A
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com