Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 14Page - Texas Instruments SN65MLVD080 Datasheet HTML 15Page - Texas Instruments SN65MLVD080 Datasheet HTML 16Page - Texas Instruments SN65MLVD080 Datasheet HTML 17Page - Texas Instruments SN65MLVD080 Datasheet HTML 18Page - Texas Instruments SN65MLVD080 Datasheet HTML 19Page - Texas Instruments SN65MLVD080 Datasheet HTML 20Page - Texas Instruments SN65MLVD080 Datasheet HTML 21Page - Texas Instruments SN65MLVD080 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
www.ti.com
0
3
6
9
12
15
18
15
25
35
45
55
65
75
85
95
105
f − Frequency − MHz
VCC = 3.3 V
VIC = 1 V,
|VID| = 400 mV,
Input = Clock
0
3
6
9
12
15
18
15
25
35
45
55
65
75
85
95
105
f − Frequency − MHz
VCC = 3.3 V
Input = Clock
0
10
20
30
40
50
60
15
25
35
45
55
65
75
85
95
105
f − Frequency − MHz
VCC = 3.3 V
VIC = 1 V,
|VID| = 400 mV,
Input = Clock
0
10
20
30
40
50
60
15
25
35
45
55
65
75
85
95
105
f − Frequency − MHz
VCC = 3.3 V
VIC = 1 V,
|VID| = 200 mV,
Input = Clock
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
ADDED RECEIVER TYPE-2 PERIOD JITTER
ADDED DRIVER PERIOD JITTER
vs
vs
FREQUENCY
FREQUENCY
Figure 25.
Figure 26.
ADDED RECEIVER TYPE-1 CYCLE-TO-CYCLE JITTER
ADDED RECEIVER TYPE-2 CYCLE-TO-CYCLE JITTER
vs
vs
FREQUENCY
FREQUENCY
Figure 27.
Figure 28.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com