Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS16 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 6AS16
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS16 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  6AS16 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2 sensing.honeywell.com
What makes our switches better?
• Industry-leading temperature range for options up to 204 °C
[400 °F] and temperatures as low as -55 °C [-67 °F]
• Exclusive current carrying capability of up to 25 A
• International approvals: UL, CSA, ENEC, CE listings
• Options for circuitry, styles, connection types and a wide
selection of actuator styles
• Dependable performance -
tested up to 20 million mechanical cycles
• MICRO SWITCH™ legacy and expertise - over 75 years of
engineering excellence and experience
MICRO SWITCH™ Large Premium Basic Switches
Accurate, reliable, and repeatable, MICRO SWITCH™ BZ/BA/BM/BE Series features precise operating characteristics
and enhanced life. These premium, large snap-action switches offer precision operation and sensitive differential
travel.
Utilizing state-of-the-art manufacturing processes and quality controls, Honeywell has engineered premium, large
snap-action switches that meet various international agency requirements. Some models have military qualifications.
MICRO SWITCH™ BZ/BA/BM/BE Series are often used for precision on/off applications, as well as end of limit,
presence/absence, and manual operator interface functions.
Their engineered design is suitable for various application needs. Configured options with BZ, BA, BM, and BE
switches provide a wide variety of operating and interface characteristics.
The MICRO SWITCH™ 6AS Series consists of two large premium BZ/BA/BM/BE snap-action switches ganged
together and actuated by a single actuator. Field adjustable operating point is an option for one or both switches.
QUALITY • RELIABLE • RUGGED • GLOBAL
Operating in extreme
temperatures is
all in a day’s work for
MICRO SWITCH™
large basics!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com