Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS16 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 6AS16
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS16 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  6AS16 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ Premium Large Basic Switches
Table 1. Specifications
Characteristic
BZ
Series
WZ
Series
YZ
Series
BA
Series
WA
Series
YA
Series
BM Series
BE Series
Ampere rating
15 A
20 A
22 A
25 A
Circuitry
SPDT
SPNC
SPNO
SPDT
SPNC
SPNO
SPDT
SPDT
Operating force
1.0 oz to 28 oz
Termination
quick connect, solder, screw
Actuator
pin plunger, overtravel plunger, straight, roller, flexible leaf roller, flexible leaf
Voltage
125 Vac, 250 Vac, 125 Vdc, 250 Vdc
Agency approvals
UL, CSA, ENEC, CE (varies by specific model)
Operating temperature
-55 °C to 85 °C [-67 °F to 185 °F]
Contacts
silver, silver cadmium oxide, gold alloy
Housing
general purpose phenolic
Sealing
Environment sealing option available (options for IP64 Sealing)
Dielectric strength
2000 V between each terminal and ground
Contact resistance
15 m Ohm max.(initial)
Insulation resistance
100,000 M Ohm min.
Vibration
1,5 mm peak-to-peak amplitude, frequency 10 Hz to 55 Hz, for two continuous hours
Expected mechanical life
up to 20,000,000 cycles at 95% survival
Expected electrical
service life
100K operations at rated load
Rated frequency
50 Hz/60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com