Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS16 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 6AS16
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS16 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  6AS16 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
sensing.honeywell.com
Features
and Benefits
GLOBAL USE AND APPROVALS
Switches certified to
UL, CSA, ENEC, and CE for global use
FLEXIBILITY OF PRODUCT CHARACTERISTICS
Honeywell’s large basic switches offer various operating force and differential travel
options to meet the actuator type. Designed with
momentary or maintained
contact action, these switches may perform a variety of functions as well as
offering a choice of actuation, termination and operating characteristics for
design
flexibility
VARIENTS FOR EXTREME CONDITIONS
With an IP64 sealing option to maintain switch enclosure sealing, many listings can
be used in dirty, harsh environments with their
dustproof and splash resistant
seals. Many versions operate in extreme temperatures, up to 121 °C [250 °F],
and several with high temperature options for up to 204 °C [400 °F], as well as
temperatures as low as -55 °C [-67 °F]
EASY INSTALLATION REDUCES OVERALL COSTS
The switch’s enlongated mounting hole allows for easier, more accurate mounting
TIGHT HYSTERESIS/DIFFERENTIAL TRAVEL
Designed with a hysteresis
as small as 0,008 mm [0.0003 in], the BZ/BA/BM/
BE switches may be used in applications where very tight and sensitive control is
required between the operate and release points
CURRENT CAPACITY FROM LESS THAN 1 A TO 25 A
With a broad current capacity,
one switch package can control a wide range
of electrical loads. As requirements vary for applications, a standardized switch
package may help reduce costs and increase application flexibility.
Gold contacts
available for controlling low energy/low power circuits
ENHANCED PERFORMANCE
Internal flat spring design delivers optimum
performance and switch reliability
MILITARY APPROVALS
MIL-PRF-8805 switches available for military-specified applications
Listings certified for global use and mulitple applications
Standardize switching packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com