Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS16 Datasheet(PDF) 21 Page - Honeywell Solid State Electronics Center

Part # 6AS16
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS16 Datasheet(HTML) 21 Page - Honeywell Solid State Electronics Center

Back Button 6AS16 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 18Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 19Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 20Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 21Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 22Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 23Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
sensing.honeywell.com
MICRO SWITCH™ Premium Large Basic Switches
LARGE SNAP-ACTION SWITCH ACCESSORIES
Brackets
Description
8MA1
8MA2
17MA1-B
Description
Adjustable mounting bracket with
adjustment slot on left
Adjustable mounting bracket with
adjustment slot on right
Conversion mounting bracket
Housing material
Steel
Steel
Corrosion-resistant metal
Measurements
60,2 mm W x 21,3 mm H x 7,4 mm D [2.37 in W x 0.84 in H x 0.29 in D]
66,8 mm W x 19,0 mm D
[2.63 in W x 0.75 in D]
Features
sturdy plated steel construction; fast, easy screwdriver adjustment; can be used
with most standard basic switches
converts standard basic switches from
side to top mount; corrosion resist-
ant; snaps into switch mounting holes
without tools
Die-cast Zinc Enclosures
Description
3PA1
3PA28
3PA2
Description
mounted from either side through 3,55
mm [0.140 in] dia. holes on 25,4 mm
[1.0 in] centers; conduit/hub 0.5 – 14
NPT internal thread
mounted from either side through 3,55
mm [0.140 in] dia. holes on 25,4 mm
[1.0 in] centers. 1/2-14 NPSM internal
thread conduit hub
switch secured in enclosure; two 4,37
mm [0.172 in] dia. holes in flange ac-
cept #8 screws for mounting on 41,3
mm [1.625 in] centers; conduit/hub 0.5
– 14 NPT internal thread
Housing material
die-cast zinc enclosure (side mount)
die-cast zinc enclosure (side mount)
die-cast zinc enclosure (flange mount)
Measurements
74,8 mm W x 42,9 mm H x 25,4 mm D
[2.95 in W x 1.69 in H x 1.00 in D]
74,8 mm W x 42,9 mm H x 25,4 mm D
[2.95 in W x 1.69 in H x 1.00 in D]
74,8 mm W x 42,9 mm H x 25,4 mm D
[2.95 in W x 1.69 in H x 1.00 in D]
Sealing/Features
NEMA 1; IP 40; protects the switch from physical abuse and personnel from contact with exposed terminals
Plastic Thermal Enclosures
Description
5PA1
5PA2
5PA3
Description
Plastic terminal enclosure used with
solder terminal switches
Plastic terminal enclosure use with
screw terminal switches
Plastic terminal enclosure used with
either solder or screw terminal switches
with auxiliary actuators assembled
Housing material
plastic
plastic
plastic
Measurements
52,8 mm W x 16,1 mm H
[2.08 in W x 0.64 in H]
52,8 mm W x 20,2 mm H x 21,0 mm D
[2.08 in W x 0.80 in H x 0.83 in D]
52,8 mm W x 20,2 mm H x 21,0 mm D
[2.08 in W x 0.80 in H x 0.83 in D]
Sealing/Features
NEMA 1, IP 40; easy to use; screw and solder terminal versions; protect personnel from contact with exposed terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com