Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS16 Datasheet(PDF) 14 Page - Honeywell Solid State Electronics Center

Part # 6AS16
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS16 Datasheet(HTML) 14 Page - Honeywell Solid State Electronics Center

Back Button 6AS16 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 18Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14 sensing.honeywell.com
BZ | BA | BM | BE | 6AS Series
STANDARD ACTUATOR OPTIONS, TERMINALS, & DIMENSIONS
BZ/BM Series: Pin plunger
BA/BE Series: Pin plunger
2,3 mm [0.09 in] dia
15,0 mm
[0.59 in]
15,7 mm
[0.62 in]
O.P.
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,1 mm
[0.36 in]
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
4,3 mm
[0.17 in]
dia.
0,2 mm
[0.01 in]
P.T.
23,37 mm
[0.92 in]
SST plunger
SST plunger
2,3 mm [0.09 in] dia
15,0 mm
[0.59 in]
16,2 mm
[0.64 in]
O.P.
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,1 mm
[0.36 in]
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
4,3 mm
[0.17 in]
dia.
1,27 mm
[0.05 in]
P.T.
19,05 mm [0.75 in]
5,3 mm
[0.21 in]
BZ/BM Series: Overtravel plunger
BA/BE Series: Overtravel plunger
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,1 mm
[0.36 in]
14,5 mm
[0.57 in]
0,25 mm
[0.01 in]
max.
P.T.
13,5 mm
[0.53 in]
dia.
7,11 mm [0.28 in] dia.
21,1 mm
[0.83 in]
O.P.
4,3 mm
[0.17 in]
dia.
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
4,06 mm
[0.16 in]
Plated steel plunger
23,37 mm
[0.92 in]
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,1 mm
[0.36 in]
14,9 mm
[0.59 in]
12,7 mm
[0.05 in]
max.
P.T.
7,1 mm
[0.28 in]
dia.
15,0 mm [0.59 in] dia.
26,1 mm
[1.03 in]
O.P.
4,3 mm
[0.17 in]
dia.
49,3 mm [1.94 in]
25,4 mm
[1.00 in]
7,62 mm
[0.30 in]
SST plunger
19,05 mm
[0.75 in]
5,3 mm
[0.21 in]
BZ/BM Series: Bushing-mount overtravel plunger
BA/BE Series: Bushing-mount overtravel plunger
9,1 mm
[0.36 in]
21,8 mm
[0.86 in]
O.P.
14,5 mm
[0.57 in]
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
8,1 mm
[0.32 in]
dia.
4,3 mm
[0.17 in]
dia.
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
5,3 mm
[0.21 in]
16,0 mm
[0.63 in]
Plated steel plunger
0,2 mm
[0.01 in]
max.
P.T.
13,2 mm
[0.52 in]
23,37 mm [0.92 in]
9,1 mm
[0.36 in]
21,8 mm
[0.86 in]
O.P.
14,5 mm
[0.57 in]
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
8,1 mm
[0.32 in]
dia.
4,3 mm
[0.17 in]
dia.
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
5,3 mm
[0.21 in]
16,0 mm
[0.63 in]
Plated steel plunger
1,27 mm
[0.05 in]
max.
P.T.
13,2 mm
[0.52 in]
19,05 mm [0.75 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com