Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS16 Datasheet(PDF) 13 Page - Honeywell Solid State Electronics Center

Part # 6AS16
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS16 Datasheet(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button 6AS16 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 17Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
sensing.honeywell.com
MICRO SWITCH™ Premium Large Basic Switches
FLEXIBLE LEAF AND FLEXIBLE ROLLER LEAF ORDER GUIDE
Catalog
Listing
Recommended
For
O.F.
N [oz]
R.F.
min.
N [ oz]
P.T.
max.
mm
[in]
O.T.
min.
mm
[in]
D.T.
mm [in]
max.
O.P.**
mm [in]
BZ-2RL-A2
Force and stability of the
flexible leaf actuator
15 A
A
1,39
[5]
0,14
[0.5]
–
1,52
[0.060]
1,27
[0.050]
17,48
[0.688]
BZ-2RL5551-A2
Dustproof and splash
resistant seal
15 A
A
1,95
[7]
0,14
[0.5]
–
1,52
[0.060]
1,27
[0.050]
17,48
[0.688]
BZ-2RLT04
(M8805/1-001)
MIL-PRF-8805 application
requirements
15 A
A
1,39
[5]
0,14
[0.5]
–
1,52
[0.060]
1,27
[0.050]
17,48
[0.688]
BZ-2RL24-A2
Operating in temperature
to 121 °C [250 °F]
15 A
A
1,39
[5]
0,14
[0.5]
–
1,52
[0.060]
1,27
[0.050]
17,48
[0.688]
BZ-RLX
Manual reset.
Solder terminals
15 A
E
0,83
[3]
–
–
1,57
[0.062]
0,38*
[0.015]
–
17,48
[0.688]
7,14*
[0.281]
BA-2RL-A2
Up to 20 ampere load
20 A
G
2,5
[9]
0,28
[1]
–
1,57
[0.062]
1,57
[0.062]
17,48
[0.688]
BE-2RL-A4
Up to 25 ampere load,
#8 screw terminals
25 A
H
2,5
[9]
0,28
[1]
–
1,57
[0.062]
1,57
[0.062]
17,48
[0.688]
BZ-RL24-A2
Operating in temp. to 121
°C [250 °F] for 100 hours
5 A
B
1,39
[5]
0,14
[0.5]
–
1,52
[0.060]
1,27
[0.050]
28,6
[1.125]
BZ-2RL2-A2
Force and stability of the
flexible leaf with roller
15 A
A
1,39
[5]
0,14
[0.5]
–
1,52
[0.060]
1,27
[0.050]
28,6
[1.125]
BZ-2RL25551-
A2
Dustproof and splash
resistant seal
15 A
A
1,95
[7]
0,14
[0.5]
–
1,52
[0.060]
1,27
[0.050]
28,6
[1.125]
BZ-2RL2T04
(M8805/1-036)
MIL-PRF-8805 application
requirements
15 A
A
1,04 to 1,39
[3.75 to 5]
0,14
[0.5]
–
1,52
[0.060]
1,27
[0.050]
28,6
[1.125]
BA-2RL2-A2
Up to 20 ampere load
20 A
G
2,5
[9]
0,28
[1]
–
1,52
[0.060]
1,65
[0.065]
28,6
[1.125]
BE-2RL2-A4
Up to 25 ampere load,
#8 screw terminals
25 A
H
2,5
[9]
0,28
[1]
–
1,52
[0.060]
1,65
[0.065]
28,6
[1.125]
NOTE: For adjustable operate point and simulated roller lever switches, refer to previous page.
** except where stated ±0,76 mm [±0.030 in]
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com