Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZUXBA Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PZUXBA
Description  Zener voltage regulator diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZUXBA Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PZUXBA Datasheet HTML 1Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
PZUxBA series
Zener voltage regulator diodes
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
IF
forward current
-
200
mA
IZSM
non-repetitive peak reverse
current
[1] -
see: Table 8
PZSM
non-repetitive peak reverse
power dissipation
[1] -
40
W
[2] -
320
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -
490
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
+150
°C
Tstg
storage temperature
-65
+150
°C
[1] tp = 100 μs; square wave; Tj = 25 °C prior to surge
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1] -
-
390
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2] -
-
255
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[3] -
-
55
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1cm2.
[3] Soldering point of cathode tab.
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 10 mA
Tamb = 25 °C
[1] -
-
0.9
V
VF
forward voltage
IF = 100 mA
Tamb = 25 °C
[1] -
-
1.1
V
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02
PZUXBA_SER
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 4 — 16 August 2024
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com