Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZUXBA Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PZUXBA
Description  Zener voltage regulator diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZUXBA Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PZUXBA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 9Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 10Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 11Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 12Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Nexperia
PZUxBA series
Zener voltage regulator diodes
13. Revision history
Table 10. Revision history
Document ID
Release date
Data sheet status
Supersedes
PZUXBA_SER v. 4
20240816
Product data sheet
PZUXBA_SER v. 3
Modifications:
• Subtitle of the data sheet changed
• Selections B/C 39 V to 51 V added
PZUXBA_SER v. 3
20240405
Product data sheet
PZUXBA_SER v. 2
PZUXBA_SER v. 2
20231012
Product data sheet
PZUXBA_SER v. 1
PZUXBA_SER v. 1
20220810
Product data sheet
-
PZUXBA_SER
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 4 — 16 August 2024
11 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com