Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZUXBA Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PZUXBA
Description  Zener voltage regulator diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZUXBA Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PZUXBA Datasheet HTML 1Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Nexperia
PZUxBA series
Zener voltage regulator diodes
Table 8. Characteristics per type; PZU2.4BA to PZU36BA
Tj = 25 °C unless otherwise specified
Working
voltage
VZ (V)
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)
Non-repetitive
peak
reverse current
IZSM (A)
IZ = 5 mA
IZ = 0.5 mA IZ = 5 mA
IZ = 5 mA
f = 1 MHz;
VR = 0 V
tp = 100 μs;
square wave;
Tj = 25 °C ;
prior to surge
PZU
xBA
Sel
Min
Max Max
Max
Max
VR (V) Typ
Max
Max
2.4
B
2.3
2.6
1000
100
50
1
-1.6
450
8
B
2.5
2.9
B1
2.5
2.75
2.7
B2
2.65
2.9
1000
100
20
1
-2.0
440
8
B
2.80
3.20
B1
2.80
3.05
3.0
B2
2.95
3.20
1000
95
10
1
-2.1
425
8
B
3.10
3.50
B1
3.10
3.35
3.3
B2
3.25
3.50
1000
95
5
1
-2.4
410
8
B
3.40
3.80
B1
3.40
3.65
3.6
B2
3.55
3.80
1000
90
5
1
-2.4
390
8
B
3.70
4.10
B1
3.70
3.97
3.9
B2
3.87
4.10
1000
90
3
1
-2.5
370
8
B
4.01
4.48
B1
4.01
4.21
B2
4.15
4.34
4.3
B3
4.28
4.48
1000
90
3
1
-2.5
350
8
B
4.42
4.90
B1
4.42
4.61
B2
4.55
4.75
4.7
B3
4.69
4.90
800
80
2
1
-1.4
325
8
B
4.84
5.37
B1
4.84
5.04
B2
4.98
5.20
5.1
B3
5.14
5.37
250
60
2
1.5
0.3
300
5.5
PZUXBA_SER
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 4 — 16 August 2024
4 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com