Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZUXBA Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PZUXBA
Description  Zener voltage regulator diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZUXBA Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PZUXBA Datasheet HTML 1Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PZUxBA series
Zener voltage regulator diodes
Rev. 4 — 16 August 2024
Product data sheet
1. General description
General-purpose Zener diodes in a SOD323 (SC-76) very small Surface-Mounted Device (SMD)
plastic package.
2. Features and benefits
• Non-repetitive peak reverse power dissipation: PZSM ≤ 40 W
• Total power dissipation: Ptot ≤ 320 mW
• Tolerance series:
• B: approximately ±5 %
• B1, B2, B3: approximately ±2 %
• Wide working voltage range: nominal 2.4 V to 51 V (E24 range)
• Low reverse current IR range
• Small plastic package suitable for surface-mounted design
• PZU5.1BA - 10BA: Very low dynamic impedances at low currents, very low leakage current,
hard breakdown knee
• PZU11B2A-51BA: Intentional minor rise of leakage current for optimized fast switching and
noise reduction [Ref. AN90031]
3. Applications
• General regulation functions
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 100 mA
[1] -
-
1.1
V
PZSM
non-repetitive peak
reverse power dissipation
[2] -
-
40
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -
-
320
mW
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02
[2] tp = 100 µs; square wave; Tj = 25 °C prior to surge.
[3] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
.


Similar Part No. - PZUXBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZUXBA NXP-PZUXBA Datasheet
127Kb / 14P
Single Zener diodes
Rev. 01-19 September 2008
logo
Nexperia B.V. All right...
PZUXBA-Q NEXPERIA-PZUXBA-Q Datasheet
285Kb / 13P
Zener voltage regulator diodes
Rev. 3 16 August 2024
PZUXBA-Q_SER NEXPERIA-PZUXBA-Q_SER Datasheet
281Kb / 12P
Single Zener diodes
Rev. 1 - 10 August 2022
PZUXBA_SER NEXPERIA-PZUXBA_SER Datasheet
231Kb / 15P
Single Zener diod
Rev. 01 - 19 September 2008
More results

Similar Description - PZUXBA

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
ZENER VOLTAGE REGULATOR DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
VOLTAGE REGULATOR ZENER DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
Zener Voltage Regulator Diodes
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com