Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZUXBA Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PZUXBA
Description  Zener voltage regulator diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZUXBA Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PZUXBA Datasheet HTML 1Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
PZUxBA series
Zener voltage regulator diodes
5. Pinning information
Table 2. Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
006aaa152
A
K
[1] The marking bar indicates the cathode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PZU2.4BA to
PZU51BA [1]
SC-76
plastic, surface-mounted package; 2
leads; 1.3 mm pitch; 1.7 mm x 1.25 mm x
0.95 mm body
SOD323
[1] The series consists of 105 types with nominal working voltages from 2.4 V to 51 V.
7. Marking
Table 4. Marking codes
Marking code
Marking code
Type number
[1]
B
B1
B2
B3
Type number
B
B1
B2
B3
PZU2.4*A
X8
-
-
-
PZU12*A
VK
VL
VM
VN
PZU2.7*A
X9
XA
XB
-
PZU13*A
VP
VR
VS
VT
PZU3.0*A
XT
XU
XV
-
PZU14*A
-
-
VU
-
PZU3.3*A
XW
XX
XY
-
PZU15*A
VV
VW
VX
VY
PZU3.6*A
XZ
MC
MD
-
PZU16*A
VZ
X1
X2
X3
PZU3.9*A
ME
MF
MG
-
PZU18*A
X4
X5
X6
X7
PZU4.3*A
MM
MN
MP
MR
PZU20*A
XC
XD
XE
XF
PZU4.7*A
MS
MT
MU
MV
PZU22*A
XG
XH
XK
XL
PZU5.1*A
MW
MX
MY
MZ
PZU24*A
XM
XN
XP
XR
PZU5.6*A
LF
LG
LH
LK
PZU27*A
XS
-
-
-
PZU6.2*A
LL
LM
LN
LP
PZU30*A
MH
-
-
-
PZU6.8*A
LR
LS
LT
LU
PZU33*A
MK
-
-
-
PZU7.5*A
LV
LW
LX
LY
PZU36*A
ML
-
-
-
PZU8.2*A
LZ
CR
CS
CT
PZU39*A
5R
-
5G
-
PZU9.1*A
CU
CV
CW
CX
PZU43*A
5S
-
5H
-
PZU10*A
VA
VB
VC
VD
PZU47*A
5T
-
5J
-
PZU11*A
VE
VF
VG
VH
PZU51*A
5U
-
5K
-
[1] * = B: tolerance series B, approximately ±5 %
* = B1, B2, B3: tolerance series B1, B2, B3: approximately ±2 %
PZUXBA_SER
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 4 — 16 August 2024
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com