Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZUXBA Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PZUXBA
Description  Zener voltage regulator diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZUXBA Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PZUXBA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 9Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 10Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
PZUxBA series
Zener voltage regulator diodes
Table 9. Characteristics per type; PZU39BA to PZU51BA
Tj = 25 °C unless otherwise specified
Working
voltage
VZ (V)
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (nA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)
Non-repetitive
peak
reverse current
IZSM (A)
IZ = 2 mA
IZ = 0.5 mA IZ = 2 mA
IZ = 2 mA
f = 1 MHz;
VR = 0 V
tp = 100 μs;
square wave;
Tj = 25 °C ;
prior to surge
PZU
xBA
Sel
Min
Max Max
Max
Max
VR (V) Typ
Max
Max
B2
38.20 39.80
39
B
37.00 41.00
350
130
50
27.3
36.4
45
0.7
B2
42.10 43.90
43
B
40.00 46.00
375
150
50
30.1
41.2
40
0.6
B2
46.10 47.90
47
B
44.00 50.00
375
170
50
32.9
46.1
40
0.5
B2
50.00 52.00
51
B
48.00 54.00
400
180
50
35.7
51.0
40
0.4
006aab215
102
10
103
PZSM
(W)
1
tp (s)
10- 4
10- 2
10- 3
Tj = 25 °C (prior to surge)
Fig. 1. Non-repetitive peak reverse power dissipation
as a function of pulse duration; typical values
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
Tj = 25 °C
Fig. 2. Forward current as a function of forward
voltage; typical values
PZUXBA_SER
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 4 — 16 August 2024
7 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com