Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7010TX-48-DC-R Datasheet(PDF) 6 Page - Arista Networks, Inc

Part # DCS-7010TX-48-DC-R
Description  7010X Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7010TX-48-DC-R Datasheet(HTML) 6 Page - Arista Networks, Inc

Back Button DCS-7010TX-48-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
7010X Series | Features
Network Management
• CloudVision
• 10/100/1000 Management Port
• RS-232 Serial Console Port
• USB Port
• SNMP v1, v2, v3
• Management over IPv6
• Telnet and SSHv2
• Syslog
• AAA
• Industry Standard CLI
Extensibility
• Linux Tools
• Bash shell access and scripting
• RPM support
• Custom kernel modules
• Programmatic access to system state
• Python
• C++
• Native KVM/QEMU support
Standards Compliance
• 802.1D Bridging and Spanning Tree
• 802.1p QOS/COS
• 802.1Q VLAN Tagging
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• 802.1AB Link Layer Discovery Protocol
• 802.3ad Link Aggregation with LACP
• 802.3i 10BASE-T Ethernet
• 802.3x full duplex on 10BASE-T, 100BASE-TX and 1000BASE-T
802.3u 100BASE-TX
• 802.3ab 1000BASE-T
• 802.3z Gigabit Ethernet
• 802.3ae 10 Gigabit Ethernet
• 802.3by 25 Gigabit Ethernet
• RFC 2460 Internet Protocol, Version 6 (IPv6) Specification
• RFC 4861 Neighbor Discovery for IP Version 6 (IPv6)
• RFC 4862 IPv6 Stateless Address Auto-configuration
• RFC 4443 Internet Control Message Protocol (ICMPv6) for the
Internet Protocol Version 6 (IPv6) Specification
SNMP MIBs
• RFC 3635 EtherLike-MIB
• RFC 3418 SNMPv2-MIB
• RFC 2863 IF-MIB
• RFC 2864 IF-INVERTED-STACK-MIB
• RFC 4292 IP-FORWARD-MIB
• RFC 4363 Q-BRIDGE-MIB
• RFC 4188 BRIDGE-MIB
• RFC 2013 UDP-MIB
• RFC 2012 TCP-MIB
• RFC 2011 IP-MIB
• RFC 2790 HOST-RESOURCES-MIB
• RFC 3636 MAU-MIB
• RMON-MIB
• RMON2-MIB
• HC-RMON-MIB
• LLDP-MIB
• LLDP-EXT-DOT1-MIB
• LLDP-EXT-DOT3-MIB
• ENTITY-MIB
• ENTITY-SENSOR-MIB
• ENTITY-STATE-MIB
• ARISTA-ACL-MIB
• ARISTA-QUEUE-MIB
• RFC 4273 BGP4-MIB
• RFC 4750 OSPF-MIB
• ARISTA-CONFIG-MAN-MIB
• ARISTA-REDUNDANCY-MIB
• RFC 2787 VRRPv2-MIB
• MSDP-MIB
• PIM-MIB
• IGMP-MIB
• IPMROUTE-STD-MIB
• SNMP Authentication Failure trap
• ENTITY-SENSOR-MIB support for DOM (Digital Optical
Monitoring)
• User configurable custom OIDs
See EOS release notes for latest supported MIBs
Table Sizes
MAC Addresses
64K
IPv4 Host Routes
32K
IPv6 Host Routes
16K
IPv4 LPM Routes
16K
IPv6 LPM Routes - Unicast
(prefix length <= 64)
4K
IPv6 LPM Routes - Unicast
(any prefix length)
2K
STP Instances
64 (MST)/254 (RPVST+)
IGMP Groups
4K, with 1K unique groups
Multicast Routes
16K
Ingress ACLs
4K
Egress ACLs
1K
ECMP
64-way, 256 groups
Maximum values dependent on shared resources in some cases



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com