Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7010TX-48-DC-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7010TX-48-DC-R
Description  7010X Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7010TX-48-DC-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7010TX-48-DC-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7010X Series Data Center Switches
Data Sheet
Arista EOS
The Arista 7010X Series runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, LANZ, VMTracer and Linux based tools can be run natively on
the switch with the powerful x86 CPU subsystem.
Overview
The Arista 7010X Series, including the 7010TX-48, 7010TX-48C and 7010TX-48-DC,
offers a purpose built high performance and power efficient solution for high
density data center deployments in a compact system. With 48 ports of 10/100/1000
and 4 integrated 1/10/25GbE SFP ports the switch delivers non-blocking forwarding
of 296 Gbps combined with feature rich L2 and L3 switching. A natural extension to
the 7050X3 Series the 7010X are members of the Arista portfolio of data center
switches.
With broad support for QoS, security, automation and monitoring features, the
7010X provides an ideal solution to the challenges of implementing network policy
consistently in 1G environments when combined with the Arista fixed configuration
7.050X3 Series 10G, 25G and 100 Gigabit switches. The 7010X delivers the flexibility
to be deployed as the server edge of 1Gb Ethernet leaf and spine designs or as a
high performance out of band (OOB) management network switch. Arista EOS
advanced automation, monitoring and provisioning features are consistent to all
Arista switches, eliminating the complexity associated with managing mixed
environments with inconsistent feature sets. The 7010X Series flexible forwarding
tables allow for a broad set of networking applications including VXLAN and EVPN.
The 7010TX-48, 7010TX-48C and 7010TX-48-DC all provide 48 10/100/1000Mb RJ45
ports and 4 SFP ports for 1G, 10G or 25G uplink connections with a full range of
optics and cables. The Arista 7010X switches offer low latency under 3 microseconds
and a packet buffer of 4MB that is fully shared and allocated dynamically to ports
that are congested. Consuming just 0.3 W per gigabit, the 7010X are power efficient
with choices of AC and DC power, power redundancy along with hot-swap fans
supporting both forward and reverse airflow in a single system.
Combined with Arista EOS, the 7010X Series delivers the flexibility and features for
scale out applications in cloud, virtualized and traditional network designs and
accommodates the myriad different applications and east-west traffic patterns
found in modern data centers.
Product Highlights
Performance
• 7010TX-48: 48 x 10/100/1000Mb RJ45
and 4 SFP25
• 7010TX-48C: 48 x 10/100/1000Mb RJ45
and 4 SFP25
• 7010TX-48-DC: 48 x 10/100/1000Mb RJ45
and 4 SFP25
• Up to 296 Gbps throughput
• Up to 220 Mpps forwarding
• Wire speed L2 and L3 forwarding
Data Center Optimized Design
• Low power consumption at 0.3 W/Gbps
• 4 Ports of 10GbE and 25GbE support
• Fully shared packet buffer
• Redundant power
• Redundant & hot-swappable fans
• Field reversible fan module for
rear-to-front or front-to-rear cooling
• 2-post and 4-post mounting
• Over 90% efficient power supplies
• AC or DC Power Options
Cloud Networking Ready
• Up to 64K MAC entries
• Up to 32K IPv4/IPv6 Routes
• Up to 32K IPv4/IPv6 Host Routes
• 64-way ECMP / 64-port MLAG
• VXLAN and EVPN
• 4 MB integrated buffer
• PTP support
Resilient Control Plane
• Multi-core x86 CPU
• Up to 8GB DRAM and 8GB Flash
A
dvanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• Smart System Upgrade
• LANZ for microburst detection
• Self-configure and recover from USB
• sFlow (RFC3176)
• VM Tracer
• OpenStack
• Chef, Puppet, Ansible
Arista Extensible Operating System
• Single binary image
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - Bash, python, C++ ,
GO, OpenConfig
Arista 7010TX-48, 7010TX-48C and 7010TX-48-DC:


Similar Part No. - DCS-7010TX-48-DC-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7010TX-48-DC ARISTA-DCS-7010TX-48-DC Datasheet
1Mb / 40P
7010 Series 1RU Data Center Switches
More results

Similar Description - DCS-7010TX-48-DC-R

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0001 CWIND-GRS-4013A-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023C-0007 CWIND-GRS-4023C-0007 Datasheet
179Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com