Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7010TX-48-DC-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # DCS-7010TX-48-DC-R
Description  7010X Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7010TX-48-DC-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button DCS-7010TX-48-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7010X Series | Ordering Information
Ordering Information
Product Number
Product Description
DCS-7010TX-48-F
Arista 7010TX, 48x 10/100/1000 RJ45 & 4 x 25G SFP (1/10/25GbE) switch, front to rear air, 2xAC
DCS-7010TX-48-R
Arista 7010TX, 48x 10/100/1000 RJ45 & 4 x 25G SFP (1/10/25GbE) switch, rear to front air, 2xAC
DCS-7010TX-48C-F
Arista 7010TX, 48x 10/100/1000 RJ45 & 4 x 25G SFP (1/10/25GbE) switch, front to rear air, 2xAC
DCS-7010TX-48C-R
Arista 7010TX, 48x 10/100/1000 RJ45 & 4 x 25G SFP (1/10/25GbE) switch, rear to front air, 2xAC
DCS-7010TX-48-DC-F
Arista 7010TX, 48x 10/100/1000 RJ45 & 4 x 25G SFP (1/10/25GbE) switch, front to rear air, 2xDC PSU
DCS-7010TX-48-DC-R
Arista 7010TX, 48x 10/100/1000 RJ45 & 4 x 25G SFP (1/10/25GbE) switch, rear to front air, 2xDC PSU
LIC-FIX-G2-V2
EOS Segmentation and 3rd Party Integration Services license for Arista Fixed 1G/mG Group 2 Ethernet Switches
LIC-FIX-G2-E
Enhanced License for Arista Fixed 1G/mG Group 2 Ethernet Switches (OSPF, ISIS, BGP, PIM)
LIC-FIX-G2-FLX-L
FLX-Lite License for Arista Fixed 1G/mG Group 2 Ethernet Switches - Full Routing upto 1K routes, upto 10 VRFs, upto
1K ACLs, EVPN, VXLAN (includes E Features)
SS-CV-G2-SWITCH-1M
CloudVision Subscription Lic for 1-Month for 1 Switch. Arista 1G/mG. Group 2 Platforms. Delivered via download only.
Includes E, FLX-L
SS-CV-LT-G2-SWITCH-1M
CloudVision Lite Subscription Lic for 1-Month for 1 Switch. Arista Fixed1G/mG Group 2 Platforms. Delivered via download
only.
SS-CVS-G2-SWITCH-1M
CloudVision as-a-Service Subscription Lic for 1-Month for 1 Switch. Arista Fixed 1G/mG Group 2 Platforms. Includes E, FLX-L.
SS-CVS-LT-G2-SWITCH-1M
CloudVision Lite as-a-Service Subscription Lic for 1-Month for 1 Switch. Arista Fixed 1G/mG Group 2 Platforms.
SS-CVSC-G2-SWITCH-1M
CloudVision CUE as-a-Service Subscription Lic for 1-Month for 1 Switch. Arista Fixed 1G/mG Group 2 Platforms.
Spare Options
KIT-7010
Spare accessory kit for Arista 7010T switches. 2-post mount. (2x C13-C14, 2m)
FAN-7010X
Configurable fan module for Arista 7010 switches (reversible airflow)
KIT-7010-4POST
Spare 4-post rack mount kit for 7010 switches
KIT-7010-2POST-23
Spare 2-post 23" rack mount kit for 7010T switches and 720 series switches



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com